Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4530 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC4530
Description  30V, 300mA Output Micropower Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4530 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC4530 Datasheet HTML 9Page - Semtech Corporation SC4530 Datasheet HTML 10Page - Semtech Corporation SC4530 Datasheet HTML 11Page - Semtech Corporation SC4530 Datasheet HTML 12Page - Semtech Corporation SC4530 Datasheet HTML 13Page - Semtech Corporation SC4530 Datasheet HTML 14Page - Semtech Corporation SC4530 Datasheet HTML 15Page - Semtech Corporation SC4530 Datasheet HTML 16Page - Semtech Corporation SC4530 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
3
SC4530
V
S, the bootstrap voltage can be varied. Figure 5(a) shows
the switching waveforms of a correctly bootstrapped 0V
to 5V regulator with V
S = 2.5V. All three traces share the
same ground level. When the power transistor is turned
on, V
SW should come within a few hundred millivolts of VIN
Applications Information (Continued)
and V
BST should have at least 2V of headroom above VSW.
As V
S is reduced to .9V, excessive VBST droop decreases
transistor driver headroom, as shown in Figure 5(b). The
power transistor can no longer be fully saturated (as
evidenced by the round V
SW turn-off corners), resulting in
high power dissipation. When bootstrapping from a low-
voltage output or supply, checking the bootstrap voltage
is a good precaution.
Since the inductor current charges C
3, the bootstrap
circuit requires some minimum load current to function.
Figures 6(a) and 6(b) show the minimum input voltage
required to saturate the power transistor and to produce
a regulated output as a function of the load current. Once
started, the bootstrap circuit is able to sustain itself down
to zero load.
VSW
VBST
VIN
All Traces
2V/div
(a)
400ns/div
VBST
VIN
VSW
400ns/div
All Traces
2V/div
(b)
Minimum Input Voltage
5.0
5.5
6.0
6.5
7.0
1
10
100
1000
Load Current (mA)
VOUT = 5V
To Start
Dropout
(a)
Minimum Input Voltage
3.0
3.5
4.0
4.5
5.0
5.5
1
10
100
1000
Load Current (mA)
VOUT = 3.3V
To Start
Dropout
(b)
The Minimum InputVoltage Required to Start
and to Operate Before Dropout
(a) V
OUT =5V
(b) V
OUT = 3.3V
Figure 6.
Figure 5. Switching Waveforms of a 10V to 5V
Regulator
(a) Sufficient Bootstrap Voltage Drives the
Power Transistor into Saturation, Minimizing
Power Loss.
(b) Excessive Droop in Bootstrap Capacitor
Voltage fails to keep the Power Transistor
Saturated near the End of its Conduction
Cycles, Causing Jitters and Low Efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com