Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4530 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC4530
Description  30V, 300mA Output Micropower Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4530 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC4530 Datasheet HTML 15Page - Semtech Corporation SC4530 Datasheet HTML 16Page - Semtech Corporation SC4530 Datasheet HTML 17Page - Semtech Corporation SC4530 Datasheet HTML 18Page - Semtech Corporation SC4530 Datasheet HTML 19Page - Semtech Corporation SC4530 Datasheet HTML 20Page - Semtech Corporation SC4530 Datasheet HTML 21Page - Semtech Corporation SC4530 Datasheet HTML 22Page - Semtech Corporation SC4530 Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
9
SC4530
SC4530
SW
BST
IN
BIAS
OUT
3.3V/0.3A
R1
332k
VIN
4V - 30V
200k
R2
L1
33µH
EN
C3
0.22µF
C2
4.7µF
GND
FB
C1
22µF
C4
22pF
OFF ON
C5
47pF
L1: Coilcraft LPS4018
C2: Murata GRM32ER71H475K
C1: Murata GRM31CR60J226K
C4=10pF C5=47pF Verified 1/13/2012
C4=22pF C5=47pF Verified 1/26/2011
C4=22pF C5=47pF to reduce start-up overshoot 3/14/2012
(a)
Typical Application Circuits (Continued)
OUT_IL_24V to 3.3V_ld_tran_0-300mA_C4=22pF_C5=47pF
SW_OUT_IL_24V to 3.3V@100uA_C4=22pF_C5=47pF
SW_OUT_IL_24V to 3.3V@60mA_C4=22pF_C5=47pF
SW_OUT_IL_24V to 3.3V@300mA_C4=22pF_C5=47pF
400ms/div
(b)
V
OUT
50mV/div
AC Coupled
I
L1
200mA/div
V
SW
20V/div
V
OUT
20mV/div
AC Coupled
I
L1
200mA/div
V
SW
20V/div
V
OUT
10mV/div
AC Coupled
I
L1
200mA/div
V
SW
20V/div
4ms/div
(c)
1ms/div
(d)
(a) 3.3V Output Step-Down Converter
(b) Switching Waveforms of the Figure 14(a) Circuit. V
IN = 24V, IOUT = 100mA
(c) V
IN = 24V, IOUT = 60mA
(d) V
IN = 24V, IOUT = 300mA
(e) Load Transient. V
IN = 24V, IOUT is Switched Between 0 and 300mA
Figure 14.
V
OUT
200mV/div
AC Coupled
I
L1
200mA/div
40ms/div
(e)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com