Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4530 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC4530
Description  30V, 300mA Output Micropower Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4530 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC4530 Datasheet HTML 11Page - Semtech Corporation SC4530 Datasheet HTML 12Page - Semtech Corporation SC4530 Datasheet HTML 13Page - Semtech Corporation SC4530 Datasheet HTML 14Page - Semtech Corporation SC4530 Datasheet HTML 15Page - Semtech Corporation SC4530 Datasheet HTML 16Page - Semtech Corporation SC4530 Datasheet HTML 17Page - Semtech Corporation SC4530 Datasheet HTML 18Page - Semtech Corporation SC4530 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
5
SC4530
when large feedback resistors are used. The regulator
becomes insensitive to switching disturbances after it
enters continuous-conduction mode.
The operating mode transition can be significantly
smoothed by filtering the FB node. A capacitor between
FB pin and ground (Capacitor C
5, as shown in Figures
3(a), page 8) serves this purpose. It should be chosen
so that it improves mode transition without significantly
slowing down load transients. Switching waveforms of a
5V output regulator (Figure 3(a), page 8) immediately
before it enters continuous-conduction mode are shown
in Figure 7. The inductor current waveform appears to be
more jagged without filtering. Moreover, transition to CCM
occurs at an output current of 76mA, instead of 26mA
with FB filtering. Figure 8 compares the corresponding
switching waveforms of an output 3.3V (Figure 4(a),
page 9) regulator.
Applications Information (Continued)
If the converter output voltage is .8V or less, or if R
2 is
reduced to below 2kW, then C
5 will not be necessary. C5 is
also optional in Figures 3(a) and 4(a) if the maximum V
IN
never exceeds 2V. Bench testing shows that removing C
5
fromtheseconvertersstillresultsinacceptabletransitional
behavior, provided that V
IN < 2V.
C
5 can be estimated using the following empirical
equation:
4
2
1
6
5
C
R
R
10
8
C
()
FB filtering has no significant impact on the output ripple
voltage. However, it improves the converter efficiency by
0.25% to 0.5% around the mode transition point (Figure
9). Regulator efficiencies are slightly lower (< 0.25%) at
light loads when filtering the FB voltage. Positive values
in Figure 9 imply that FB filtering improves efficiency
compared to no filtering.
Effect of FB Filtering on
Efficiencies vs Load Current
-1.0
-0.5
0.0
0.5
1.0
1
10
100
1000
Load Current (mA)
VIN = 28V
VOUT = 5V
VOUT = 3.3V
Effect of FB Filtering on Converter Efficiency (V
IN = 28V)
Plotted Efficiency = the Efficiency of a FB-Filtered Converter -
the Efficiency of the Same Converter without FB-Filtering
Figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com