Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4530 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4530
Description  30V, 300mA Output Micropower Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4530 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4530 Datasheet HTML 8Page - Semtech Corporation SC4530 Datasheet HTML 9Page - Semtech Corporation SC4530 Datasheet HTML 10Page - Semtech Corporation SC4530 Datasheet HTML 11Page - Semtech Corporation SC4530 Datasheet HTML 12Page - Semtech Corporation SC4530 Datasheet HTML 13Page - Semtech Corporation SC4530 Datasheet HTML 14Page - Semtech Corporation SC4530 Datasheet HTML 15Page - Semtech Corporation SC4530 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
2
SC4530
Applications Information (Continued)
The C
3 voltage increases with each subsequent switching
cycle, as does the bootstrapped voltage at the BST pin.
After a number of switching cycles, C
3 will be fully charged
to a voltage approximately equal to that applied to the
anode of D
2. The minimum BST to SW voltage required
to fully saturate the power transistor is shown in the
Typical Characteristics (pages 6-7). This difference voltage
must be at least .72V at room temperature. This is also
specified in the Electrical Characteristics (pages 3-4) as
the Minimum Bootstrap Voltage. The minimum required
V
C3 increases as temperature decreases. The bootstrap
circuit reaches equilibrium when the base charge drawn
from C
3 during transistor on-time is equal to the charge
replenished during the off interval.
Figure 4 summarizes various ways of bootstrapping the
SC4530. In Figure 4(a) the BIAS pin is connected to the
converter output. The bootstrap charge is obtained
from the output of the step-down converter. The input-
referred charge is reduced by the step-down ratio. This is
the most efficient configuration and it also results in the
least voltage stress at the BST pin. The maximum BST pin
voltage is about V
IN + VOUT. If the output voltage is between
2.5V and 3V, then a 0.33-0.47mF bootstrap capacitor may
be needed to reduce droop. In most other cases, a 0.22mF
ceramic capacitor is adequate.
Figure 4(b) shows the SC4530 can also be bootstrapped
from the input. This way it is not as efficient as the
configuration shown in Figure 4(a). However this may
be only option if the output voltage is less than 2.5V and
there is no other supply with voltage higher than 2.5V.
Voltage stress at the BST pin can be somewhat higher
than 2V
IN. The BST pin voltage should not exceed its
absolute maximum rating of 42V. Figure 4(c) shows how
to bootstrap the SC4530 from an independent power
supply V
S with its voltage > 2.5V.
To demonstrate the effect of an under-sized bootstrap
capacitor, C
3 (Figure , page ) is deliberately reduced to
0nF. TheBIASpinistiedtoanexternalpowersupplysimilar
to Figure 4(c). By adjusting the external supply voltage
(d)
(e)
(c)
VS > 2.5V
SC4530
BST
GND
IN
SW
BIAS
0.1µF
VOUT
VIN
C3
Max VBST ˜ VIN + VS
SC4530
BST
GND
IN
SW
DZ
-
VZ
+
BIAS
VOUT
VIN
C3
VBST ˜ 2VIN - VZ
VIN – VZ > 2.5V
(a)
SC4530
BST
GND
IN
SW
C3
VIN
BIAS
Max VBST ˜ VIN + VOUT
VOUT > 2.5V
(b)
SC4530
BST
GND
IN
SW
BIAS
C3
VIN
Max VBST ˜ 2VIN
VOUT < 2.5V
VOUT > VZ + 2.5V
SC4530
BST
GND
IN
SW
C3
VIN
BIAS
DZ
- VZ +
VBST ˜ VIN + VOUT -VZ
0.1µF
Figure 4. Methods of Bootstrapping the SC4530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com