Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4530 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC4530
Description  30V, 300mA Output Micropower Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4530 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC4530 Datasheet HTML 15Page - Semtech Corporation SC4530 Datasheet HTML 16Page - Semtech Corporation SC4530 Datasheet HTML 17Page - Semtech Corporation SC4530 Datasheet HTML 18Page - Semtech Corporation SC4530 Datasheet HTML 19Page - Semtech Corporation SC4530 Datasheet HTML 20Page - Semtech Corporation SC4530 Datasheet HTML 21Page - Semtech Corporation SC4530 Datasheet HTML 22Page - Semtech Corporation SC4530 Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
20
SC4530
SC4530
SW
BST
IN
BIAS
OUT
2.5V/0.3A
R1
205k
VIN
3.2V - 30V
200k
R2
L1
33µH
EN
C3
0.47µF
C2
10µF
GND
FB
C1
47µF
C4
33pF
OFF ON
C5
47pF
L1: Coilcraft LPS4018
C2: Murata GRM32ER61H106K
C1: Murata GRM21BR60G476M
C4=33pF C5=100pF Verified 1/27/2011
C4=33pF C5=47pF to reduce start-up overshoot 3/14/2012
L1: Coilcraft LPS4018
C1: Murata GRM31CR60G107M
SC4530
SW
BST
IN
BIAS
OUT
1.8V/0.3A
R1
93.1k
VIN
3.1V - 20V
200k
R2
L1
33µH
EN
C3
0.22µF
C2
4.7µF
GND
FB
C1
100µF
C4
33pF
OFF ON
L1 changed from 22uH to 33uH 1/17/2012
C2: Murata GRM32ER71H475K
L1: Coilcraft LPS4018
C1: Sanyo POSCAP 4TPE150MAUB
SC4530
SW
BST
IN
BIAS
OUT
1.23V/0.3A
VIN
3.3V - 20V
L1
33µH
EN
C3
0.22µF
C2
4.7µF
GND
FB
C1
150µF
OFF ON
C2: Murata GRM32ER71H475K
Verified 2/17/2011
SC4530
SW
BST
IN
BIAS
OUT
12V/0.3A
R1
866k
VIN
14V - 30V
100k
R2
L1
68µH
EN
C3
0.22µF
C2
4.7µF
GND
FB
C1
4.7µF
C4
10pF
OFF ON
C5
100pF
L1 changed from 47uH to 68uH 1/16/2012
L1: Coilcraft LPS6225
C1: Murata GRM31CR61C475K
C2: Murata GRM32ER71H475K
* LPS4018 68uH saturation current is marginally low
Change C4 from 22pF to 10pF and C5 from 470pF to 100pF, 3/15/2012
Typical Application Circuits (Continued)
Figure 15. 1.23V Output Step-Down Converter
Figure 16. 1.8V Output Step-Down Converter
Figure 17. 2.5V Output Step-Down Converter
Figure 19. 12V Output Step-Down Converter
SC4530
SW
BST
IN
BIAS
OUT
9V/0.3A
R1
931k
VIN
10V - 30V
147k
R2
L1
47mH
EN
C3
0.22mF
C2
4.7mF
GND
FB
C1
10mF
C4
6.8pF
OFF ON
C5
68pF
L1: Coilcraft LPS4018
C1: Murata GRM31CR61C106K
C2: Murata GRM32ER71H475K
Figure 18. 9V Output Step-Down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com