Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4530 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4530
Description  30V, 300mA Output Micropower Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4530 Datasheet(HTML) 3 Page - Semtech Corporation

  SC4530 Datasheet HTML 1Page - Semtech Corporation SC4530 Datasheet HTML 2Page - Semtech Corporation SC4530 Datasheet HTML 3Page - Semtech Corporation SC4530 Datasheet HTML 4Page - Semtech Corporation SC4530 Datasheet HTML 5Page - Semtech Corporation SC4530 Datasheet HTML 6Page - Semtech Corporation SC4530 Datasheet HTML 7Page - Semtech Corporation SC4530 Datasheet HTML 8Page - Semtech Corporation SC4530 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
Exceeding the above specifications may result in permanent damage to the device or the device may malfunction. Operation outside of the
parameters specified in the Electrical Characteristics section is not recommended.
NOTES:
() Unless noted otherwise, all voltage values in this section are with respect to ground.
(2) Tested according to JEDEC standard JESD22-A4-B.
(3) Calculated from package in still air, mounted to 3” x 4.5”, 4-layer FR4 PCB with thermal vias under the exposed pad, per JESD5 standards.
Electrical Characteristics
Unless otherwise noted, T
A = 25°C for typical values, -40°C < TA = TJ < 25°C. VIN = VEN = 0V, VBST = 5V, VBIAS = 3V.
Absolute Maximum Ratings (1)
IN………………………………………………… -0.3V to 32V
SW………………………………………………… -0.6V to V
IN
BST ………………………………………………………
42V
BST Above SW…………………………………………… 30V
FB ……………………………………………… -0.3V to .9V
BIAS ……………………………………………… -0.3V to V
IN
EN ………………………………………………… -0.3V to V
IN
ESD Protection Level (2) …………………………………… 2kV
Recommended Operating Conditions
Thermal Resistance, Junction to Ambient (3) ………… 80°C/W
Maximum Junction Temperature………………………+50 °C
Storage Temperature Range …………………-65°C to +50°C
Peak IR Reflow Temperature (0s to 30s)……………… +260°C
Thermal Information
SC4530
Parameter
Name
Conditions
Min
Typ
Max
Units
V
IN Operating Range
3
30
V
V
IN Quiescent Supply Current
V
EN = 0.2V
0.
0.5
µA
Not Switching
7

µA
Not Switching , V
BIAS = 0
34
50
µA
BIAS Quiescent Supply Current
V
EN = 0.2V
0.
0.5
µA
Not Switching
26
40
µA
Not Switching , V
BIAS = 0
0.

µA
EN Pin Input High Voltage
2
V
EN Pin Input Low Voltage
0.2
V
EN Pin Current
V
EN = 2.5V

2.5
µA
Feedback Voltage
V
FB Falling
.22
.232
.245
V
Feedback Voltage Line Regulation
V
IN = 3V to 30V
0.0
0.02
%/V
FB Pin Bias Current
V
FB = .25V
20
60
nA
Minimum Switch Off-time
T
OFF(MIN)
530
ns
Maximum Switch Duty Cycle
D
MAX
90
96
%
Junction Temperature Range………………… -40°C to +25°C
V
IN …………………………………………………… 3V to 30V
Output DC Current……………………………… up to 300mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com