Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4530 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC4530
Description  30V, 300mA Output Micropower Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4530 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC4530 Datasheet HTML 14Page - Semtech Corporation SC4530 Datasheet HTML 15Page - Semtech Corporation SC4530 Datasheet HTML 16Page - Semtech Corporation SC4530 Datasheet HTML 17Page - Semtech Corporation SC4530 Datasheet HTML 18Page - Semtech Corporation SC4530 Datasheet HTML 19Page - Semtech Corporation SC4530 Datasheet HTML 20Page - Semtech Corporation SC4530 Datasheet HTML 21Page - Semtech Corporation SC4530 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
8
SC4530
Typical Application Circuits
L1: Coilcraft LPS4018
C2: Murata GRM32ER71H475K
C1: Murata GRM31CR60J226K
SC4530
SW
BST
IN
BIAS
OUT
5V/0.3A
R1
619k
VIN
6V - 30V
200k
R2
L1
33mH
EN
C3
0.22mF
C2
4.7mF
GND
FB
C1
22mF
C4
10pF
OFF ON
C5
33pF
C4=22pF C5=68pF Verified 1/24/2011
C4=10pF C5=33pF Verified 1/12/2012
(a)
SW_OUT_IL_12V to 5V@300mA_C4=10pF_C5=33pF
V
OUT
10mV/div
AC Coupled
I
L1
200mA/div
V
SW
10V/div
1ms/div
SW_OUT_IL_12V to 5V@10uA_C4=10pF_C5=33pF
V
OUT
20mV/div
AC Coupled
I
L1
200mA/div
V
SW
10V/div
1ms/div
SW_OUT_IL_12V to 5V@60mA_C4=10pF_C5=33pF
4ms/div
V
OUT
50mV/div
AC Coupled
I
L1
200mA/div
V
SW
10V/div
OUT_IL_12V to 5V_ld_tran_0-300mA_C4=10pF_C5=33pF
V
OUT
200mV/div
AC Coupled
I
L1
200mA/div
40ms/div
(a) 5V Output Step-Down Converter
(b) Switching Waveforms of the Figure 13(a) Circuit. V
IN = 12V, IOUT = 10mA
(c) V
IN = 12V, IOUT = 60mA
(d) V
IN = 12V, IOUT = 300mA
(e) Load Transient. V
IN = 12V, IOUT is Switched Between 0 and 300mA
Figure 13.
(b)
(c)
(d)
(e)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com