Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4530 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC4530
Description  30V, 300mA Output Micropower Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4530 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC4530 Datasheet HTML 7Page - Semtech Corporation SC4530 Datasheet HTML 8Page - Semtech Corporation SC4530 Datasheet HTML 9Page - Semtech Corporation SC4530 Datasheet HTML 10Page - Semtech Corporation SC4530 Datasheet HTML 11Page - Semtech Corporation SC4530 Datasheet HTML 12Page - Semtech Corporation SC4530 Datasheet HTML 13Page - Semtech Corporation SC4530 Datasheet HTML 14Page - Semtech Corporation SC4530 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image

SC4530
Applications Information (Continued)
Output Capacitor Selection
The output ripple voltage ∆V
OUT of a step-down regulator
in continuous conduction can be expressed as:
OUT
OFF
ON
L
OUT
C
8
t
t
ESR
I
V
(8)
where C
OUT is the output capacitance.
The first term in Equation (8) results from the equivalent
series resistance (ESR) of the output capacitor while the
rest is due to the charging and discharging of C
OUT by the
inductor ripple current.
Substituting ∆I
L = 50mA, tON + tOFF = 2µs, COUT = 22µF and
ESR = 3mΩ in Equation (8), we get:
mV
2
.
2
7
.
1
45
.
0
)
m
4
.
11
m
3
(
A
15
.
0
V
OUT
Depending on the switching period and the type of the
capacitor used, the output voltage ripple resulting from
charging/discharging of C
OUT may be higher than the ripple
due to the ESR. The example above also shows that the
output voltage ripple in continuous mode is very low.
The SC4530 relies on fast amplifier response to reduce the
output voltage overshoot during power-up. Neither the
error amplifier output nor the reference is ramped during
start-up. The Zener diode D
Z (refer to page 5) clamps
the amplifier output, while the regulator output voltage
ramps up. As a result, the switch Q
 is turned off every
cycle at the switch current limit, I
LIM (typically 0.5A). The
regulator thus delivers about 0.5A to its output until V
OUT
rises to its set value. If the load is light, then the amplifier
output voltage will fall below the RUN/IDLE threshold
following regulation. This causes the regulator to idle.
However the energy previously stored in the inductor
still flows to the output, causing the output voltage to
rise above its regulation level. The minimum output
capacitance required to keep the overshoot to less than
% of the nominal output voltage is:
D
OUT
OUT
2
LIM
OUT
V
V
V
I
L
50
C
(9)
The minimum output capacitance for various output
voltages can be estimated from Equation (9) using the
inductances given in Table 2. The results are shown in
Table 3. Smaller output capacitors may also be used if
higher output voltage overshoot is acceptable.
Table 3. Calculated Minimum Output Capacitance for 1%
V
OUT Overshoot during Start-up
V
OUT (V)
Minimum C
OUT (µF)
V
IN = 6V
V
IN = 30V
.8
64
96
2.5
36
53
3.3
22
33
5.0
5
5
2
5.6
5.6
8
-
3.7
Ceramic capacitors are the best choice for most
applications. Sanyo TPE series polymer capacitors in B-
case, which offer large capacitors (>00µF) with slightly
higher ESR, are also good alternatives. Ripple current in
the output capacitor is not a concern because the inductor
current of a step-down converter directly feeds C
OUT,
resulting in very low ripple current. Avoid using Z5U or
Y5V ceramic capacitors because these types of capacitors
have high temperature and high voltage coefficients.
Bootstrapping the Power Transistor
To reduce the switch on-state voltage and maximize
efficiency, the base of the power transistor should be
driven from a power supply higher in voltage than V
IN. The
required driver supply voltage (at least 2V higher than the
SW) is generated with a bootstrap capacitor C
3 connected
between the BST and the SW nodes (Figure ) and the
bootstrap diode D
2 (Figure 2). The D2 anode is connected
to the BIAS pin.
During startup, the power transistor in the SC4530 is first
switched on so the current flows through to the inductor.
When the transistor is switched off, the inductor current
pulls the SW voltage low, allowing C
3 to be charged
through the internal bootstrap diode D
2. When the power
switch is turned on again, the SW voltage goes high. This
brings the BST voltage to V
SW + VC3, thus back-biasing D2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com