Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4530 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4530
Description  30V, 300mA Output Micropower Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4530 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4530 Datasheet HTML 1Page - Semtech Corporation SC4530 Datasheet HTML 2Page - Semtech Corporation SC4530 Datasheet HTML 3Page - Semtech Corporation SC4530 Datasheet HTML 4Page - Semtech Corporation SC4530 Datasheet HTML 5Page - Semtech Corporation SC4530 Datasheet HTML 6Page - Semtech Corporation SC4530 Datasheet HTML 7Page - Semtech Corporation SC4530 Datasheet HTML 8Page - Semtech Corporation SC4530 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
POWER MANAGEMENT

30V, 300mA Output Micropower
Step-Down Switching Regulator
Typical Application Circuit
September 24, 202
Applications
Portable Equipment
Notebook Computers
Distributed Supplies
Backup Power Supplies
5V Output Step-Down Converter
Figure 1.
L1: Coilcraft LPS4018
C2: Murata GRM32ER71H475K
C1: Murata GRM31CR60J226K
SC4530
SW
BST
IN
BIAS
OUT
5V/0.3A
R1
619k
VIN
200k
R2
L1
33µH
EN
C3
0.22µF
C2
4.7µF
GND
FB
C1
22µF
C4
10pF
OFF ON
C4=22pF C5=68pF Verified 1/24/2011
C4=10pF C5=33pF Verified 1/12/2012
SC4530
Features
Input Voltage Range: 3V to 30V
Low Quiescent Current: Drawing 9mA from V
IN when
Stepping Down from 2V to 3.3V at No Load
High Efficiency from 2V Input to 5V Output
> 80% at 650mA
> 85% at 0mA - 300mA
Up to 300mA Continuous DC Output Current
Integrated Power Switch and Schottky Diodes
Low Output Ripple
<mA Shutdown Current
Hysteretic Current-Mode Control
Cycle-by-Cycle Current Limiting
Alternating Between Micropower Idling and Switch-
ing States at Light Loads to Conserve Power
Output Short-Circuit Protection
Solution Footprint as Small as 50mm2
Low-Profile 3mm x 2mm MLPD 8-Lead Package
Description
The SC4530 is a micropower hysteretic current-mode
step-down switching regulator capable of providing up
to 300mA of output current from 3V to 30V input voltage
range. It is designed to provide very high standby efficiency
while simplifying design.
At light loads, the SC4530 switches only as needed to main-
tain regulation, while idling most of the time, to improve
efficiency. Typical quiescent currents from V
IN and BIAS
are 7mA and 26mA respectively. The control scheme pro-
duces less than 0mV of FB voltage ripple at light loads. The
SC4530 automatically switches to continuous-conduction
mode at heavy loads.
The SC4530 has integrated power devices and on-chip
control circuitry, simplifying design and enabling a solu-
tion footprint as small as 50mm2. Only an inductor and a
few passive components are needed to complete a DC-DC
regulator. The inductor current hysteretic control of SC4530
makes it inherently short-circuit robust. The wide input
voltage range enables the device to operate from a variety
of input sources, including single- or multi-cell batteries,
system rails and wall transformers.
Efficiency vs Load Current
40
50
60
70
80
90
0.1
1.0
10.0
100.0
1000.0
Load Current (mA)
VIN = 12V
VIN = 24V
VOUT = 5V


Similar Part No. - SC4530

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC453 SEMTECH-SC453 Datasheet
315Kb / 23P
Portable, VID Programmed Single Phase Power Supply Controller
SC453 SEMTECH-SC453 Datasheet
343Kb / 26P
Portable, VID Programmed Single Phase Power Supply Controller
SC4538 SEMTECH-SC4538 Datasheet
235Kb / 14P
High Effi ciency Boost Converter for up to 10 LEDs
SC4538 SEMTECH-SC4538 Datasheet
252Kb / 14P
High Effi ciency Boost Converter for up to 10 LEDs
SC4538EVB SEMTECH-SC4538EVB Datasheet
235Kb / 14P
High Effi ciency Boost Converter for up to 10 LEDs
More results

Similar Description - SC4530

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2694 NSC-LM2694 Datasheet
760Kb / 19P
30V, 600 mA Step Down Switching Regulator
logo
Semtech Corporation
SC4524 SEMTECH-SC4524 Datasheet
1Mb / 21P
Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
logo
New Japan Radio
NJU7691 NJRC-NJU7691 Datasheet
138Kb / 8P
300mA Synchronous Step-Down switching regulator IC
logo
Allegro MicroSystems
A4490 ALLEGRO-A4490 Datasheet
390Kb / 16P
Triple Output Step-Down Switching Regulator
A4491EESTR-T ALLEGRO-A4491EESTR-T Datasheet
397Kb / 16P
Triple Output Step-Down Switching Regulator
A4490EES-T ALLEGRO-A4490EES-T Datasheet
395Kb / 17P
Triple Output Step-Down Switching Regulator
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
1A Micropower Step-Down Switching Regulator
LT8630 LINER-LT8630 Datasheet
399Kb / 8P
Synchronous Micropower Step-Down High Efficiency Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
30V,2.5A Step-Down Switching Regulator
HM1484C HMSEMI-HM1484C Datasheet
1Mb / 14P
30V, 3.1A Monolithic Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com