Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4530 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC4530
Description  30V, 300mA Output Micropower Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4530 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC4530 Datasheet HTML 12Page - Semtech Corporation SC4530 Datasheet HTML 13Page - Semtech Corporation SC4530 Datasheet HTML 14Page - Semtech Corporation SC4530 Datasheet HTML 15Page - Semtech Corporation SC4530 Datasheet HTML 16Page - Semtech Corporation SC4530 Datasheet HTML 17Page - Semtech Corporation SC4530 Datasheet HTML 18Page - Semtech Corporation SC4530 Datasheet HTML 19Page - Semtech Corporation SC4530 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
6
SC4530
Reverse Input Protection
Consider a circuit board where the input power source
supplies several DC-DC converters, including an SC4530
regulator with a large output capacitor. During power-
off, the SC4530 regulator output may be held high by its
output capacitor, while V
IN is discharged rapidly by other
DC-DC converters. If V
IN falls to two diode voltages below
V
OUT, then the parasitic junction diodes inside the SC4530
(see Figure 2, page 5) will draw current from the output
through the SW pin to the input. If the load is light and
the output capacitor is large, then high reverse current
will flow, or even damage the internal circuits.
Figure 0 shows two protection schemes. In Figure 0(a),
a Schottky diode D
4 placed at the input blocks the reverse
current. This method has the disadvantage that it lowers
the converter efficiency. A PN junction diode placed from
the converter output to the input [(as shown in Figure
0(b)] shunts the reverse current away from the part, thus
protecting the part. This scheme is not suitable in a power
supply system where a backup battery is diode OR-ed
with the SC4530 regulator output and with the SC4530
input grounded.
Board Layout Considerations
In a step-down switching regulator, the input bypass
capacitor, the main power switch and the freewheeling
power diode carry pulse current with high di/dt (Figure
). To minimize jittering, the size of the loop formed by
these components must be minimized. Since the main
power switch and the freewheeling diode are already
integrated inside the part, connecting the input bypass
capacitor close to the ground pin minimizes size of the
switched current loop.
OUT
V
L
Z
Heavy Lines Show the Fast Switching
Current Paths in a Step-down Converter.
The Input Capacitor Should be Placed
Close to the Part for Improved Switching
Performance.
Figure 11.
OUT
V
L
Z
Heavy Lines Show the Fast Switching
Current Paths in a Step-down Converter.
The Input Capacitor Should be Placed
Close to the Part for Improved Switching
Performance.
Figure 11.
Applications Information (Continued)
SC4530
SW
BST
IN
BIAS
OUT
VIN
EN
GND
FB
OFF ON
D4
(a)
Reversed Input Protection Schemes
(a) D
4 Blocks the Reverse Current
(b) D
4 Shunts the Reverse Current
from the Part During Power-off.
Figure 10.
(b)
SC4530
SW
BST
IN
BIAS
OUT
VIN
EN
GND
FB
OFF ON
D4
1N4148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com