Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS8721B Datasheet (PDF) - Micrel Semiconductor

KS8721B Datasheet PDF - Micrel Semiconductor
Part # KS8721B
Download  KS8721B Download
File Size   201.43 Kbytes
Page   32 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2.5V 10/100BasTX/FX MII Physical Layer Transceiver

KS8721B Datasheet (PDF)

Go To PDF Page Download Datasheet
KS8721B Datasheet PDF - Micrel Semiconductor

Part # KS8721B
Download  KS8721B Click to download

File Size   201.43 Kbytes
Page   32 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2.5V 10/100BasTX/FX MII Physical Layer Transceiver

KS8721B Datasheet (HTML) - Micrel Semiconductor


KS8721B Product details

General Description
Operating at 2.5 volts to meet low voltage and low power requirements, the KS8721B/BT is a 10BaseT/100BaseTX/FX Physical Layer Transceiver, which provides an MII to transmit and receive data. It contains the 10BaseT Physical Medium Attachment (PMA), Physical Medium Dependent (PMD), and Physical Coding Sub-layer (PCS) functions. Moreover, the KS8721B/BT has on-chip 10BaseT output fi ltering, which eliminates the need for external fi lters and allows a single set of line magnetics to be used to meet requirements for both 100BaseTX and 10BaseT.

Features
• Single chip 100BaseTX/100BaseFX/10BaseT physical layer solution
• 2.5V CMOS design, power consumption <200mW (excluding output driver current )
• Fully compliant to IEEE 802.3u standard
• Supports Media Independent Interface (MII) and Reduced MII (RMII)
• Supports 10BaseT, 100BaseTX and 100BaseFX with Far_End_Fault Detection
• Supports power down mode and power saving mode
• Confi gurable through MII serial management ports or via external control pins
• Supports auto-negotiation and manual selection for 10/100Mbps speed and full/half-duplex mode
• On-chip built-in analog front end fi ltering for both 100BaseTX and 10BaseT
• LED outputs for link, activity, full/half duplex, collision and speed
• Supports back to back, FX to TX for media converter applications
• Supports MDI/MDI-X auto crossover
• 2.5V/3.3V tolerance on I/O
• Commercial temperature range: 0°C to +70°C
• Industrial temperature range: –40°C to +85°C
• Available in 48-pin SSOP and TQFP




Similar Part No. - KS8721B

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8721B MICREL-KS8721B Datasheet
2Mb / 32P
2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KS8721B/BT MICREL-KS8721B/BT Datasheet
2Mb / 32P
2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
KS8721BL MICREL-KS8721BL Datasheet
317Kb / 35P
3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721BL MICREL-KS8721BL Datasheet
218Kb / 33P
3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
More results


Similar Description - KS8721B

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
KS8001 MICREL-KS8001 Datasheet
623Kb / 44P
1.8V, 3.3V 10/100BASETX/FX Physical Layer Transceiver
KS8721B MICREL-KS8721B_11 Datasheet
2Mb / 32P
2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KS8721BL MICREL-KS8721BL_11 Datasheet
317Kb / 35P
3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721CL MICREL-KS8721CL_11 Datasheet
280Kb / 33P
3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KSZ8001L MICREL-KSZ8001L Datasheet
561Kb / 46P
1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KSZ8721SL-TR MICREL-KSZ8721SL-TR Datasheet
218Kb / 33P
3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KSZ8041FTLI MICREL-KSZ8041FTLI Datasheet
82Kb / 2P
Physical Layer Transceiver 10/100BASE-T/TX/FX
logo
Microchip Technology
KSZ8001L MICROCHIP-KSZ8001L Datasheet
542Kb / 51P
1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
05/14/19
KSZ8721BL MICROCHIP-KSZ8721BL Datasheet
572Kb / 44P
3.3V Single Power Supply 10/100 Base-TX/FX MII Physical Layer Transceiver
08/15/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com