Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS8001 Datasheet (PDF) - Micrel Semiconductor

KS8001 Datasheet PDF - Micrel Semiconductor
Part # KS8001
Download  KS8001 Download
File Size   623.79 Kbytes
Page   44 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.8V, 3.3V 10/100BASETX/FX Physical Layer Transceiver

KS8001 Datasheet (PDF)

Go To PDF Page Download Datasheet
KS8001 Datasheet PDF - Micrel Semiconductor

Part # KS8001
Download  KS8001 Click to download

File Size   623.79 Kbytes
Page   44 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.8V, 3.3V 10/100BASETX/FX Physical Layer Transceiver

KS8001 Datasheet (HTML) - Micrel Semiconductor


KS8001 Product details

General Description

The KS8001 is a 10BASE-T/100BASE-TX/FX Physical Layer Transceiver, operating the core at 1.8 volts to meet low voltage and low power requirements. The solution provides MII/RMII/SMII interfaces to transmit and receive data. A unique mixed-signal design extends signaling distance while reducing power consumption.

HP Auto MDI/MDI-X provides the most robust solution for eliminating the need to differentiate between crossover and straight-through cables.

Featuring LinkMD cable diagnostics, which allows detection of common cabling plant problems such as open and short circuits, the KS8001 represents a new level of features and performance and is an ideal choice of physical layer transceiver for 100BASE-TX/10BASE T/100BASE-FX applications.



Features

• Single chip 100BASE-TX/100BASE-FX/10BASE-T physical layer solution

• 1.8V CMOS design, power consumption 250 mW

• Robust (130m+) operation over standard cables

• Supports Media Independent Interface (MII), Reduced MII (RMII), and Serial MII (SMII)

• LinkMD feature to determine cable length and diagnose faulty cables up 200 m with +/- 2 m accuracy

• Supports HP MDI/MDI-X auto crossover

• Supports power down mode and power saving mode

• MDC/MDIO to 12.5 MHz for rapid configuration

• Fully compliant to IEEE 802.3u standard

• Supports auto-negotiation and manual selection for 10/100Mbps speed and full / half-duplex mode

• Configurable through MII serial management ports or via external control pins

• Programmable LED outputs for link, activity, full/half duplex, collision and speed

• On-chip built-in analog front end filtering for both 100BASE-TX and 10BASE-T

• Supports back to back, FX to TX for media converter applications

• Single 3.3V power supply with built-in 1.8V regulator (‘L’ parts)

• 48 Pin LQFP, 48 Pin SSOP, 48 Pin QFN (targeted)



 




Similar Part No. - KS8001

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8001L MICREL-KS8001L Datasheet
561Kb / 46P
1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KS8001L MICREL-KS8001L Datasheet
561Kb / 46P
1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KS8001S MICREL-KS8001S Datasheet
561Kb / 46P
1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KS8001S MICREL-KS8001S Datasheet
561Kb / 46P
1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
More results


Similar Description - KS8001

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
KS8721B MICREL-KS8721B Datasheet
201Kb / 32P
2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KS8721B MICREL-KS8721B_11 Datasheet
2Mb / 32P
2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KS8721BL MICREL-KS8721BL_11 Datasheet
317Kb / 35P
3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721CL MICREL-KS8721CL_11 Datasheet
280Kb / 33P
3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KSZ8001L MICREL-KSZ8001L Datasheet
561Kb / 46P
1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
KSZ8721SL-TR MICREL-KSZ8721SL-TR Datasheet
218Kb / 33P
3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KSZ8041FTLI MICREL-KSZ8041FTLI Datasheet
82Kb / 2P
Physical Layer Transceiver 10/100BASE-T/TX/FX
KSZ8001SL MICREL-KSZ8001SL Datasheet
561Kb / 46P
1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
logo
Microchip Technology
KSZ8001L MICROCHIP-KSZ8001L Datasheet
542Kb / 51P
1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
05/14/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com