Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8863 Datasheet (PDF) - ON Semiconductor

MAX8863 Datasheet PDF - ON Semiconductor
Part # MAX8863
Download  MAX8863 Download
File Size   75.82 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Pin-Compatible, Low-Dropout, 120 mA Linear Regulator

MAX8863 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8863 Datasheet PDF - ON Semiconductor

Part # MAX8863
Download  MAX8863 Click to download

File Size   75.82 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Pin-Compatible, Low-Dropout, 120 mA Linear Regulator

MAX8863 Datasheet (HTML) - ON Semiconductor


MAX8863 Product details

Delivering up to 120 mA, the MAX8863 is a fixed output, low–dropout linear regulator that operates from a +2.5 V to +6.0 V input range. The 50 µA supply current remains independent of load, making these devices ideal for battery–operated portable equipment.
The output of the MAX8863 is preset at 3.15 V, 2.84 V, 2.80 V or 1.80 V. (Other output voltage options are available – contact ON Semiconductor for more information.) The MAX8863 is pin–compatible with the Maxim MAX8863 LDO and is available in the SOT–23–5 package.

Features
• Low Cost
• Pin–Compatible with MAX8863
• Stable with Any Type of Capacitors
• Low, 55 mV Dropout Voltage @ 50 mA IOUT
• Low, 50 µA Operating Supply Current (Even in Dropout)
• 140 µsec (Typ.) Turn–On Response Time from SHDN
• Low, 350 µVRMS Output Noise
• Miniature External Components
• Thermal Overload Protection
• Output Current Limit
• Low–Power Shutdown Mode

Applications
• Cordless, PCS, and Cellular Telephones
• PCMCIA Cards
• Modems
• Hand–Held Instruments
• Palmtop Computers
• Electronic Planners




Similar Part No. - MAX8863

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
MAX8863R MAXIM-MAX8863R Datasheet
473Kb / 10P
Low-Dropout, 120mA Linear Regulators Miniature External Components
Rev 3; 5/11
MAX8863REUK MAXIM-MAX8863REUK Datasheet
473Kb / 10P
Low-Dropout, 120mA Linear Regulators Miniature External Components
Rev 3; 5/11
MAX8863REUK+T MAXIM-MAX8863REUK+T Datasheet
469Kb / 10P
Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
MAX8863REUK-T MAXIM-MAX8863REUK-T Datasheet
126Kb / 8P
Low-Dropout, 120mA Linear Regulators
More results


Similar Description - MAX8863

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX8863 SIPEX-SPX8863 Datasheet
187Kb / 9P
120 mA, Low Dropout Voltage Regulator
logo
Microchip Technology
TC1188 MICROCHIP-TC1188 Datasheet
301Kb / 16P
MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
logo
ON Semiconductor
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
200-mA, Low-Dropout Linear Regulator
logo
Microchip Technology
TC1188 MICROCHIP-TC1188_13 Datasheet
299Kb / 18P
MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
10/26/12
logo
Analog Devices
ADP3300 AD-ADP3300_15 Datasheet
288Kb / 9P
50 mA Low Dropout Linear Regulator
REV. C
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
200 mA Low Dropout Linear Regulator
REV. C
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
200 mA Low Dropout Linear Regulator
REV. A
ADP3307 AD-ADP3307_15 Datasheet
1Mb / 8P
100 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
500-mA Low-Dropout Linear Regulator
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com