Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1188 Datasheet (PDF) - Microchip Technology

TC1188 Datasheet PDF - Microchip Technology
Part # TC1188
Download  TC1188 Download
File Size   301.28 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators

TC1188 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1188 Datasheet PDF - Microchip Technology

Part # TC1188
Download  TC1188 Click to download

File Size   301.28 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators

TC1188 Datasheet (HTML) - Microchip Technology


TC1188 Product details

General Description
The TC1188 and TC1189 are fixed output, low dropout linear regulators that operate from a 2.7V to 6.0V input voltage source. The output is capable of delivering up to 120 mA while consuming only 50 µA of quiescent current. The low dropout voltage, 120 mV, make the TC1188 and TC1189 good choices for battery powered applications. Integrated over-current and over-temperature protection features provide for a fault tolerant solution.
The TC1189 includes an output voltage auto discharge feature. When shutdown, the TC1189 will automatically discharge the output voltage using an internal N-Channel MOSFET switch. Fixed output voltage options for the TC1188/TC1189 are: 1.80V, 2.80V, 2.84V and 3.15V. Both the TC1188 and TC1189 are available in SOT23-5 packages.

Features
• Input Voltage Range: 2.7 V to 6.0 V
• 120 mA Output Current
• Low Supply Current: 50 µA, (typical)
• Low Dropout Voltage: 110 mV, (typical at 100 mA)
• Fast Turn-On from Shutdown: 140 µsec (typical)
• Low Output Noise
• Over-Current and Over-Temperature Protection
• Low Power Shutdown Mode
• Auto Discharge of Output Capacitor (TC1189)

Applications
• Battery Powered Systems
• Portable Computers
• Medical Instruments
• Cellular, Cordless Phones
• PDAs
• Pagers




Similar Part No. - TC1188

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1188-QECT MICROCHIP-TC1188-QECT Datasheet
299Kb / 18P
MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
10/26/12
TC1188-RECT MICROCHIP-TC1188-RECT Datasheet
299Kb / 18P
MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
10/26/12
TC1188-SECT MICROCHIP-TC1188-SECT Datasheet
299Kb / 18P
MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
10/26/12
TC1188-TECT MICROCHIP-TC1188-TECT Datasheet
299Kb / 18P
MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
10/26/12
TC1188-XECT MICROCHIP-TC1188-XECT Datasheet
299Kb / 18P
MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
10/26/12
More results


Similar Description - TC1188

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76130 TI-TPS76130 Datasheet
198Kb / 11P
LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
ON Semiconductor
MAX8863 ONSEMI-MAX8863 Datasheet
75Kb / 12P
Pin-Compatible, Low-Dropout, 120 mA Linear Regulator
February, 2001 ??Rev. 1
logo
Microchip Technology
TC1188 MICROCHIP-TC1188_13 Datasheet
299Kb / 18P
MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
10/26/12
logo
Texas Instruments
TPS76030 TI1-TPS76030_11 Datasheet
666Kb / 16P
LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76150DBVTG4 TI-TPS76150DBVTG4 Datasheet
436Kb / 16P
LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com