Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3786 Datasheet (PDF) - Maxim Integrated Products

MAX3786 Datasheet PDF - Maxim Integrated Products
Part # MAX3786
Download  MAX3786 Download
File Size   339.41 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.5Gbps Serial ATA-Compatible Mux/Buffer with Loopback and Equalization

MAX3786 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3786 Datasheet PDF - Maxim Integrated Products

Part # MAX3786
Download  MAX3786 Click to download

File Size   339.41 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.5Gbps Serial ATA-Compatible Mux/Buffer with Loopback and Equalization

MAX3786 Datasheet (HTML) - Maxim Integrated Products


MAX3786 Product details

General Description
The MAX3786 is an AC-coupled, serial-ATA (SATA)-compatible, 1.5Gbps multiplexer/buffer (mux/buffer) IC that provides the capability to switch a single serial data signal between two redundant I/O channels.

Features
♦ < 50psP-P Total Residual Jitter (20in FR-4, EQ and PE On)
♦ Supports SATA OOB Signaling
♦ Loopback of Nonselected Channel
♦ Receive Equalization and Transmit Preemphasis on Controller-Side I/O Channels
♦ 0°C to +85°C Operation
♦ 32-Pin, 5mm ✕ 5mm Thin QFN Package
♦ +3.3V Power Supply

Applications
    1.5Gbps Serial ATA Redundancy




Similar Part No. - MAX3786

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX378-MAX379 MAXIM-MAX378-MAX379 Datasheet
104Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX3781 MAXIM-MAX3781 Datasheet
300Kb / 5P
Evaluation Kit
Rev 1; 10/01
MAX3781EVKIT MAXIM-MAX3781EVKIT Datasheet
300Kb / 5P
Evaluation Kit
Rev 1; 10/01
MAX3783 MAXIM-MAX3783 Datasheet
198Kb / 8P
2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
More results


Similar Description - MAX3786

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200 Datasheet
1Mb / 14P
Dual 4.25 Gb/s 1:2 Mux/Buffer with Input Equalization and Output Pre-Emphasis
DS25MB200 NSC-DS25MB200 Datasheet
660Kb / 13P
Dual 2.5 Gb/s 1:2 Mux/Buffer with Input Equalization and Output Pre-Emphasis
DS25MB100 NSC-DS25MB100 Datasheet
993Kb / 16P
2.5 Gb/s 1:2 Mux/Buffer with Input Equalization and Output De-Emphasis
DS25MB100_0712 NSC-DS25MB100_0712 Datasheet
995Kb / 16P
2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
logo
Maxim Integrated Produc...
MAX3783 MAXIM-MAX3783 Datasheet
198Kb / 8P
2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
logo
Texas Instruments
DS64MB201 TI1-DS64MB201 Datasheet
1Mb / 28P
DS64MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS100MB201 TI1-DS100MB201 Datasheet
352Kb / 22P
DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS100MB203 TI1-DS100MB203 Datasheet
430Kb / 33P
10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS100MB201 TI1-DS100MB201_16 Datasheet
1Mb / 26P
Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS64MB201 TI1-DS64MB201_13 Datasheet
2Mb / 32P
Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com