Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS100MB201 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
DS100MB201 Datasheet PDF - Texas Instruments
Part # DS100MB201
Download  DS100MB201 Download
File Size   352.91 Kbytes
Page   22 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization

DS100MB201 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS100MB201 Datasheet PDF - Texas Instruments

Part # DS100MB201
Download  DS100MB201 Click to download

File Size   352.91 Kbytes
Page   22 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization

DS100MB201 Datasheet (HTML) - Texas Instruments




Similar Part No. - DS100MB201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100MB201 TI1-DS100MB201 Datasheet
1Mb / 26P
Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS100MB201 TI2-DS100MB201 Datasheet
593Kb / 26P
DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
REVISED APRIL 2013
DS100MB201SQ/NOPB TI1-DS100MB201SQ/NOPB Datasheet
1Mb / 26P
Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS100MB201SQ/NOPB TI2-DS100MB201SQ/NOPB Datasheet
593Kb / 26P
DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
REVISED APRIL 2013
DS100MB201SQ/NOPB.A TI2-DS100MB201SQ/NOPB.A Datasheet
593Kb / 26P
DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
REVISED APRIL 2013
More results


Similar Description - DS100MB201

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS64MB201 TI1-DS64MB201 Datasheet
1Mb / 28P
DS64MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS100MB203 TI1-DS100MB203 Datasheet
430Kb / 33P
10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS125MB203SQ TI1-DS125MB203SQ Datasheet
1Mb / 48P
Low-Power 12.5-Gbps Dual-Lane 2:1/1:2 Mux/Buffer With Equalization and De-Emphasis
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS100MB203 TI1-DS100MB203_15 Datasheet
1Mb / 54P
10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer
DS125MB203 TI1-DS125MB203_15 Datasheet
1Mb / 54P
Low-Power 12.5-Gbps Dual-Lane 2:1/1:2 Mux/Buffer
DS100MB201 TI1-DS100MB201_16 Datasheet
1Mb / 26P
Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS64MB201 TI1-DS64MB201_13 Datasheet
2Mb / 32P
Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
logo
Diodes Incorporated
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com