Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS100MB201 Datasheet (PDF) - Texas Instruments

DS100MB201 Datasheet PDF - Texas Instruments
Part # DS100MB201
Download  DS100MB201 Download
File Size   593.65 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization

DS100MB201 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS100MB201 Datasheet PDF - Texas Instruments

Part # DS100MB201
Download  DS100MB201 Click to download

File Size   593.65 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization

DS100MB201 Datasheet (HTML) - Texas Instruments


DS100MB201 Product details

1FEATURES
2• Up to 10.3125 Gbps
• Dual Lane 2:1 Mux, 1.2 Switch or Fanout
• Adjustable Transmit Differential Output
Voltage (VOD)
• <0.3 UI of Residual DJ at 10.3125 Gbps with
10” FR4 trace
• Adjustable Electrical IDLE Detect Threshold
• Signal Conditioning Programmable through
SMBus I/F inter•
Single 2.5V Supply Operation
• >6 kV HBM ESD Rating
• 3.3V Tolerant SMBus Interface
• High Speed Signal flow–thru Pinout
• Package: 54-pin WQFN (10 mm x 5.5 mm)

turnAPPLICATIONS
• XAUI (3.125 Gbps), RXAUI (6.25 Gbps)
• sRIO – Serial Rapid I/O
• Fibre Channel (8.5 Gbps)
• 10GBase-CX4, InfiniBand (QDR, SDR & DDR)
• FR4 Backplane Traces

DESCRIPTION
The DS100MB201 is a dual lane 2:1 multiplexer and
1:2 switch or fan-out buffer with signal conditioning
suitable for 10GE, Fibre Channel, Infiniband,
SATA/SAS and other high-speed bus applications up
to 10.31215 Gbps. The device performs receive
equalization allowing maximum flexibility of physical
placement within a system. The receiver's continuous
time linear equalizer (CTLE) provides a boost to
compensate for 10” of 4 mil FR4 stripline at 10.3125
Gbps. The DS100MB201 is capable of opening an
input eye that is completely closed due to inter•
symbol interference (ISI) induced by the interconnect
medium. The transmitter features a programmable
amplitude voltage levels to be selected from 600
mVp-p to 800 mVp-p. The signal conditioning settings
are programmable with register control.
With a typical power consumption of 100 mW/channel
at 10.3125 Gbps, and SMBus register control to turn
off unused lanes, the DS100MB201 is part of TI's
PowerWise family of energy efficient devices.




Similar Part No. - DS100MB201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS100MB201 TI1-DS100MB201 Datasheet
352Kb / 22P
DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS100MB201 TI1-DS100MB201 Datasheet
1Mb / 26P
Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS100MB201SQ TI1-DS100MB201SQ Datasheet
352Kb / 22P
DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS100MB201SQ/NOPB TI1-DS100MB201SQ/NOPB Datasheet
1Mb / 26P
Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS100MB201SQE TI1-DS100MB201SQE Datasheet
352Kb / 22P
DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
More results


Similar Description - DS100MB201

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS64MB201 TI1-DS64MB201 Datasheet
1Mb / 28P
DS64MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS100MB201 TI1-DS100MB201 Datasheet
352Kb / 22P
DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS100MB203 TI1-DS100MB203 Datasheet
430Kb / 33P
10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS125MB203SQ TI1-DS125MB203SQ Datasheet
1Mb / 48P
Low-Power 12.5-Gbps Dual-Lane 2:1/1:2 Mux/Buffer With Equalization and De-Emphasis
DS100MB203 TI1-DS100MB203_15 Datasheet
1Mb / 54P
10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer
DS125MB203 TI1-DS125MB203_15 Datasheet
1Mb / 54P
Low-Power 12.5-Gbps Dual-Lane 2:1/1:2 Mux/Buffer
DS100MB201 TI1-DS100MB201_16 Datasheet
1Mb / 26P
Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS64MB201 TI1-DS64MB201_13 Datasheet
2Mb / 32P
Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
logo
Diodes Incorporated
PI3DBS16412 DIODES-PI3DBS16412 Datasheet
527Kb / 1P
3.3V, 1-20Gbps 2-Lane 2:1 Mux/De-Mux Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com