Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC595 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC595 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC595
Download  74AHC595 Download
File Size   294.59 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit serial-in/serial-out or parallel-out shift register with output latches

74AHC595 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC595 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC595
Download  74AHC595 Click to download

File Size   294.59 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit serial-in/serial-out or parallel-out shift register with output latches

74AHC595 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC595 Product details

1. General description
The 74AHC595; 74AHCT595 is an 8-bit serial-in/serial or parallel-out shift register with a storage
register and 3-state outputs. Both the shift and storage register have separate clocks. The device
features a serial input (DS) and a serial output (Q7S) to enable cascading and an asynchronous
reset MR input. A LOW on MR will reset the shift register. Data is shifted on the LOW-to-HIGH
transitions of the SHCP input. The data in the shift register is transferred to the storage register
on a LOW-to-HIGH transition of the STCP input. If both clocks are connected together, the shift
register will always be one clock pulse ahead of the storage register. Data in the storage register
appears at the output whenever the output enable input (OE) is LOW. A HIGH on OE causes
the outputs to assume a high-impedance OFF-state. Operation of the OE input does not affect
the state of the registers. The 74AHCT595 features TTL compatible inputs. Both 74AHC595
and 74AHCT595 inputs are overvoltage tolerant. This feature allows the use of these devices as
translators in mixed voltage environments.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 5.5 V
• Balanced propagation delays
• All inputs have Schmitt-trigger action
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• CMOS low power dissipation
• Input levels:
• The 74AHC595 operates with CMOS input levels
• The 74AHCT595 operates with TTL input levels
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level A
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Applications
• Serial-to-parallel data conversion
• Remote control holding register




Similar Part No. - 74AHC595

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC595 PHILIPS-74AHC595 Datasheet
103Kb / 20P
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
logo
Diodes Incorporated
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
logo
Silicon Supplies
74AHC595 SS-74AHC595 Datasheet
2Mb / 8P
Advanced High Speed CMOS Logic
Rev 1.0 26/02/26
logo
Nexperia B.V. All right...
74AHC595-Q100 NEXPERIA-74AHC595-Q100 Datasheet
794Kb / 22P
8-bit serial-in/serial-out or parallel-out shift register with output latches
logo
NXP Semiconductors
74AHC595BQ NXP-74AHC595BQ Datasheet
127Kb / 21P
NPN general-purpose double transistors output latches; 3-state
Rev. 04-11 August 2009
More results


Similar Description - 74AHC595

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74VHCT595BQ NXP-74VHCT595BQ Datasheet
246Kb / 22P
8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 2-4 July 2012
74VHC_VHCT595 PHILIPS-74VHC_VHCT595_15 Datasheet
246Kb / 22P
8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 2-4 July 2012
logo
Nexperia B.V. All right...
74AHC595-Q100 NEXPERIA-74AHC595-Q100 Datasheet
794Kb / 22P
8-bit serial-in/serial-out or parallel-out shift register with output latches
74VHC595-Q100 NEXPERIA-74VHC595-Q100 Datasheet
786Kb / 21P
8-bit serial-in/serial-out or parallel-out shift register with output latches
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
74VHCT595 NEXPERIA-74VHCT595 Datasheet
302Kb / 20P
8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 3 - 25 June 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com