Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC595 Datasheet (PDF) - Diodes Incorporated

74AHC595 Datasheet PDF - Diodes Incorporated
Part # 74AHC595
Download  74AHC595 Download
File Size   319.4 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER

74AHC595 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC595 Datasheet PDF - Diodes Incorporated

Part # 74AHC595
Download  74AHC595 Click to download

File Size   319.4 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER

74AHC595 Datasheet (HTML) - Diodes Incorporated


74AHC595 Product details

Description

The 74AHC595 is an advanced high speed CMOS device.

An eight bit shift register accepts data from the serial input (DS) on each positive transition of the shift register clock (STCP). When asserted low the reset function (MR) sets all shift register values to zero and is independent of all clocks.

Data from the input serial shift register is placed in the output register with a rising pulse on the storages resister clock (SHCP). With the output enable (OEሻasserted low the 3-state outputs Q0-Q7 become active and present.

All registers capture data on rising edge and change output on the falling edge. If both clocks are connected together, the input shift register is always one clock cycle ahead of the output register.



Features

Wide Supply Voltage Range from 2.0 V to 5.5V

Sinks or sources 8mA at VCC= 4.5V

CMOS low power consumption

Schmitt Trigger Action at All Inputs

Inputs Accept up to 5.5V

ESD Protection Tested per JESD 22

 Exceeds 200-V Machine Model (A115-A)

 Exceeds 2000-V Human Body Model (A114-A)

 Exceeds 1000-V Charged Device Model (C101C)

Latch-Up Exceeds 250mA per JESD 78, Class II

Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)

Halogen and Antimony Free. “Green” Device (Note 3)



Applications

General Purpose Logic

Serial to Parallel Data conversion

Capture and hold data for extended periods of time

Allow simple serial bit streams from a microcontrolle

many peripheral lines as needed

Wide array of products such as:

Computer peripherals

Appliances

Industrial control




Similar Part No. - 74AHC595

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC595 PHILIPS-74AHC595 Datasheet
103Kb / 20P
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
logo
Nexperia B.V. All right...
74AHC595 NEXPERIA-74AHC595 Datasheet
294Kb / 19P
8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 6 - 26 May 2020
logo
Silicon Supplies
74AHC595 SS-74AHC595 Datasheet
2Mb / 8P
Advanced High Speed CMOS Logic
Rev 1.0 26/02/26
logo
Nexperia B.V. All right...
74AHC595-Q100 NEXPERIA-74AHC595-Q100 Datasheet
794Kb / 22P
8-bit serial-in/serial-out or parallel-out shift register with output latches
logo
NXP Semiconductors
74AHC595BQ NXP-74AHC595BQ Datasheet
127Kb / 21P
NPN general-purpose double transistors output latches; 3-state
Rev. 04-11 August 2009
More results


Similar Description - 74AHC595

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
8-bit shift register with output register
Rev. 01 - 24 May 2007
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
74AHCT594 DIODES-74AHCT594 Datasheet
191Kb / 10P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 2
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
74HC595 DIODES-74HC595 Datasheet
249Kb / 11P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 2
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
logo
NXP Semiconductors
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
8-bit shift register with output register
Rev. 4 - 3 September 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com