Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT594 Datasheet (PDF) - Diodes Incorporated

74HCT594 Datasheet PDF - Diodes Incorporated
Part # 74HCT594
Download  74HCT594 Download
File Size   277.06 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER

74HCT594 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT594 Datasheet PDF - Diodes Incorporated

Part # 74HCT594
Download  74HCT594 Click to download

File Size   277.06 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER

74HCT594 Datasheet (HTML) - Diodes Incorporated


74HCT594 Product details

Description
The 74HCT594 is a high speed CMOS device that is designed to be pin compatable with 74LS low power Schottky types.
An eight bit shift register accepts data from the serial input (DS) on each positive transition of the shift register clock (SHCP). When asserted low the shift register reset function (SHR) sets all shift register values to zero and is independent of all clocks. Also when asserted low the storage register reset function (STR) sets all shift register values to zero and is independent of all clocks

Features
• Wide Supply Voltage Range from 4.5V to 5.5V
• Sinks or sources 8mA at VCC = 4.5V
• CMOS low power consumption
• Schmitt Trigger Action at All Inputs
• Inputs accept up to 6.0V
• ESD Protection Tested per JESD 22
    Exceeds 200-V Machine Model (A115-A)
    Exceeds 2000-V Human Body Model (A114-A)
    Exceeds 1000-V Charged Device Model (C101C)
• Latch-Up Exceeds 250mA per JESD 78, Class II
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• General Purpose Logic
• Serial to Parallel Data conversion
• Capture and hold data for extended periods of time.
• Allow simple serial bit streams from a microcontroller to control as many peripheral lines as needed.
• Wide array of products such as:
    o Computer peripherals
    o Appliances
    o Industrial control




Similar Part No. - 74HCT594

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT594 PHILIPS-74HCT594 Datasheet
71Kb / 10P
8-bit shift register with output register
December 1991
74HCT594 NXP-74HCT594 Datasheet
137Kb / 26P
8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74HCT594 NEXPERIA-74HCT594 Datasheet
347Kb / 23P
8-bit shift register with output register
Rev. 7 - 20 October 2022
74HCT594 NEXPERIA-74HCT594 Datasheet
320Kb / 21P
8-bit shift register with output register
Rev. 6 22 October 2021
logo
NXP Semiconductors
74HCT594D PHILIPS-74HCT594D Datasheet
71Kb / 10P
8-bit shift register with output register
December 1991
More results


Similar Description - 74HCT594

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
8-bit shift register with output register
Rev. 01 - 24 May 2007
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
74AHCT594 DIODES-74AHCT594 Datasheet
191Kb / 10P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 2
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
74HC595 DIODES-74HC595 Datasheet
249Kb / 11P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
logo
NXP Semiconductors
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
8-bit shift register with output register
Rev. 4 - 3 September 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com