Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC594 Datasheet (PDF) - Diodes Incorporated

74HC594 Datasheet PDF - Diodes Incorporated
Part # 74HC594
Download  74HC594 Download
File Size   260.11 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER

74HC594 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC594 Datasheet PDF - Diodes Incorporated

Part # 74HC594
Download  74HC594 Click to download

File Size   260.11 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER

74HC594 Datasheet (HTML) - Diodes Incorporated


74HC594 Product details

Description

The 74HC594 is a high speed CMOS device.



Features

Wide Supply Voltage Range from 2.0V to 6.0V

Sinks or sources 8mA at VCC= 4.5V

CMOS low power consumption

Schmitt Trigger Action at All Inputs

Inputs accept up to 6.0V

ESD Protection Tested per JESD 22

    Exceeds 200-V Machine Model (A115-A)

    Exceeds 2000-V Human Body Model (A114-A)

    Exceeds 1000-V Charged Device Model (C101C)

Latch-Up Exceeds 250mA per JESD 78, Class II

Totally Lead-Free & Fully RoHS Compliant

Halogen and Antimony Free. “Green” Device



Applications

General Purpose Logic

Serial to Parallel Data conversion

Capture and hold data for extended periods of time.

Allow simple serial bit streams from a microcontroller to control as many peripheral lines as needed.

Wide array of products such as:

   Computer Peripherals

   Appliances

   Industrial Control




Similar Part No. - 74HC594

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
8-bit shift register with output register
December 1991
74HC594 NXP-74HC594 Datasheet
137Kb / 26P
8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
8-bit shift register with output register
Rev. 7 - 20 October 2022
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
8-bit shift register with output register
74HC594BQ NEXPERIA-74HC594BQ Datasheet
347Kb / 23P
8-bit shift register with output register
Rev. 7 - 20 October 2022
More results


Similar Description - 74HC594

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
8-bit shift register with output register
Rev. 01 - 24 May 2007
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
74AHCT594 DIODES-74AHCT594 Datasheet
191Kb / 10P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 2
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
74HC595 DIODES-74HC595 Datasheet
249Kb / 11P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 2
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Rev 3
logo
NXP Semiconductors
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
8-bit shift register with output register
Rev. 4 - 3 September 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com