Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910A1-E/ML Datasheet (PDF) - Microchip Technology

MCP3910A1-E/ML Datasheet PDF - Microchip Technology
Part # MCP3910A1-E/ML
Download  MCP3910A1-E/ML Download
File Size   6557.35 Kbytes
Page   90 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3V Two-Channel Analog Front End

MCP3910A1-E/ML Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP3910A1-E/ML Datasheet PDF - Microchip Technology

Part # MCP3910A1-E/ML
Download  MCP3910A1-E/ML Click to download

File Size   6557.35 Kbytes
Page   90 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3V Two-Channel Analog Front End

MCP3910A1-E/ML Datasheet (HTML) - Microchip Technology


MCP3910A1-E/ML Product details

Description:
The MCP3910 is a 3V two-channel Analog Front End
(AFE), containing two synchronous sampling
Delta-Sigma, Analog-to-Digital Converters (ADC), two
Programmable Gain Amplifiers (PGA), phase delay
compensation block, low-drift internal voltage
reference, Digital Offset and Gain Errors Calibration
registers and high-speed 20 MHz SPI-compatible
serial interface.
The MCP3910 ADCs are fully configurable with
features such as: 16-/24-bit resolution, Oversampling
Ratio (OSR) from 32 to 4096, gain from 1x to 32x,
independent shutdown and Reset, dithering and
auto-zeroing. Communication is largely simplified with
8-bit commands, including various continuous Read/
Write modes and 16-/24-/32-bit data formats that can
be accessed by the Direct Memory Access (DMA) of an
8, 16 or 32-bit MCU. It also includes a separate Data
Ready pin that can directly be connected to an Interrupt
Request (IRQ) input of an MCU.
The MCP3910 includes advanced security features to
secure the communications and the configuration settings,
such as a CRC-16 checksum on both serial data
outputs and on the static register map configuration. It
also includes a register map lock through an 8-bit
password to stop unwanted WRITE commands from
processing.
For polyphase shunt-based energy meters, the
MCP3910 two-wire serial interface greatly reduces
system cost, requiring only a single bidirectional
isolator per phase.
The MCP3910 is capable of interfacing a variety of voltage
and current sensors, including shunts, current
transformers, Rogowski coils and Hall effect sensors.

Features:
• Two Synchronous Sampling 24-Bit Resolution
Delta-Sigma A/D Converters
• 93.5 dB SINAD, -107 dBc Total Harmonic
Distortion (THD) (up to 35th harmonic), 112 dB
Spurious-Free Dynamic Range (SFDR) for Each
Channel
• Flexible Serial Interface that Includes Both SPI
and a Simple Two-Wire Interface Ideal for
Polyphase Shunt Energy Meters
• Enables 0.1% Typical Active Power Measurement
Error Over a 10,000:1 Dynamic Range
• Advanced Security Features:
- 16-Bit Cyclic Redundancy Check (CRC)
Checksum on All Communications for Secure
Data Transfers
- 16-Bit Cyclic Redundancy Check (CRC)
Checksum and Interrupt Alert for Register
Map Configuration
- Register Map Lock with 8-Bit Secure Key
• 2.7V-3.6V AVDD, DVDD
• Programmable Data Rate, Up to 125 ksps:
- 4 MHz Maximum Sampling Frequency
- 16 MHz Maximum Master Clock
• Oversampling Ratio, Up to 4096
• Ultra Low-Power Shutdown Mode with < 10 μA
• -122 dB Crosstalk between Channels
• Low-Drift 1.2V Internal Voltage Reference:
9 ppm/°C
• Differential Voltage Reference Input Pins
• High-Gain Programmable Gain Amplifier (PGA)
on Each Channel (up to 32 V/V)
• Phase Delay Compensation with 1 μs Time
Resolution
• Separate Data Ready Pin for Easy
Synchronization
• Individual 24-Bit Digital Offset and Gain Error
Correction for Each Channel
• High-Speed 20 MHz SPI Interface with Mode 0,0
and 1,1 Compatibility
• Continuous Read/Write Modes for Minimum
Communication with Dedicated 16-/32-Bit Modes
• Available in 20-Lead QFN and SSOP Packages
• Extended Temperature Range: -40°C to +125°C
(All Specifications are Valid Down to -45°C Operation)

Applications:
• Single-Phase and Polyphase Energy Meters
• Energy Metering and Power Measurement
• Automotive
• Portable Instrumentation
• Medical and Power Monitoring
• Audio/Voice Recognition
• Isolated Sensor Applications




Similar Part No. - MCP3910A1-E/ML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3910A1-E/ML MICROCHIP-MCP3910A1-E/ML Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
More results


Similar Description - MCP3910A1-E/ML

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
Two Channel Analog Front End
2009
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
MCP3901 MICROCHIP-MCP3901_11 Datasheet
1Mb / 62P
Two-Channel Analog Front End Portable Instrumentation
2011
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
3V Six-Channel Analog Front End
08/20/13
MCP3912 MICROCHIP-MCP3912 Datasheet
5Mb / 82P
3V Four-Channel Analog Front End
03/25/14
MCP3910 MICROCHIP-MCP3910 Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
MCP3919 MICROCHIP-MCP3919 Datasheet
5Mb / 88P
3V Three-Channel Analog Front End
03/25/14
MCP3918 MICROCHIP-MCP3918 Datasheet
6Mb / 88P
3V Single-Channel Analog Front End
03/25/14
MCP3914 MICROCHIP-MCP3914 Datasheet
2Mb / 80P
3V Eight-Channel Analog Front End
11/29/12
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com