Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6211S Datasheet (PDF) - Microchip Technology

MCP6211S Datasheet PDF - Microchip Technology
Part # MCP6211S
Download  MCP6211S Download
File Size   2239.24 Kbytes
Page   68 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 20 MHz, 200 μV Op Amps with mCal

MCP6211S Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP6211S Datasheet PDF - Microchip Technology

Part # MCP6211S
Download  MCP6211S Click to download

File Size   2239.24 Kbytes
Page   68 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 20 MHz, 200 μV Op Amps with mCal

MCP6211S Datasheet (HTML) - Microchip Technology


MCP6211S Product details

Description
The Microchip Technology Inc. MCP621/1S/2/3/4/5/9
family of high bandwidth and high slew rate operational
amplifiers features low offset. At power-up, these op
amps are self-calibrated using mCal. Some package
options also provide a Calibration/Chip Select pin
(CAL/CS) that supports a Low-Power mode of
operation, with offset calibration at the time normal
operation is re-started. These amplifiers are optimized
for high speed, low noise and distortion, single-supply
operation with rail-to-rail output and an input that
includes the negative rail.
This family is offered in single (MCP621 and
MCP621S), single with CAL/CS pin (MCP623), dual
(MCP622), dual with CAL/CS pins (MCP625), quad
(MCP624) and quad with CAL/CS pins (MCP629). All
devices are fully specified from -40°C to +125°C.

Features
• Gain-Bandwidth Product: 20 MHz (typical)
• Slew Rate: 10 V/μs
• Low Input Offset: ±200 μV (maximum)
• Low Input Bias Current: 5 pA (typical)
• Noise: 13 nV/Hz, at 1 MHz
• Ease-of-Use:
- Unity-Gain Stable
- Rail-to-Rail Output
- Input Range incl. Negative Rail
- No Phase Reversal
• Supply Voltage Range: +2.5V to +5.5V
• High Output Current: ±70 mA
• Supply Current: 2.5 mA/Ch (typical)
• Low-Power Mode: 5 μA/Ch
• Small Packages: SOT23-5, DFN
• Extended Temperature Range: -40°C to +125°C

Typical Applications
• Optical Detector Amplifier
• Barcode Scanners
• Multi-Pole Active Filter
• Driving A/D Converters
• Fast Low-Side Current Sensing
• Power Amplifier Control Loops
• Consumer Audio




Similar Part No. - MCP6211S

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP621 MICROCHIP-MCP621 Datasheet
864Kb / 44P
20 MHz, 2.5 mA Op Amps with mCal
2009
MCP621-E/MF MICROCHIP-MCP621-E/MF Datasheet
864Kb / 44P
20 MHz, 2.5 mA Op Amps with mCal
2009
MCP621-E/SN MICROCHIP-MCP621-E/SN Datasheet
864Kb / 44P
20 MHz, 2.5 mA Op Amps with mCal
2009
MCP621-E/UN MICROCHIP-MCP621-E/UN Datasheet
864Kb / 44P
20 MHz, 2.5 mA Op Amps with mCal
2009
MCP621T MICROCHIP-MCP621T Datasheet
864Kb / 44P
20 MHz, 2.5 mA Op Amps with mCal
2009
More results


Similar Description - MCP6211S

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6L1 MICROCHIP-MCP6L1 Datasheet
483Kb / 32P
2.8 MHz, 200 關A Op Amps
2009
MCP651 MICROCHIP-MCP651 Datasheet
1Mb / 44P
50 MHz, 6 mA Op Amps with mCal
2009
MCP621 MICROCHIP-MCP621 Datasheet
864Kb / 44P
20 MHz, 2.5 mA Op Amps with mCal
2009
MCP651 MICROCHIP-MCP651_11 Datasheet
1Mb / 56P
50 MHz, 6 mA Op Amps with mCal
2011
logo
Texas Instruments
OPA205 TI-OPA205 Datasheet
2Mb / 37P
OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED JULY 2022
OPA206 TI-OPA206 Datasheet
2Mb / 38P
OPAx206 Input-Overvoltage-Protected, 2-μV, 0.04-μV/°C, Low-Power Precision Op Amps
REVISED JULY 2022
logo
STMicroelectronics
TSV771 STMICROELECTRONICS-TSV771 Datasheet
3Mb / 32P
High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp
logo
Texas Instruments
OPA205 TI-OPA205_V02 Datasheet
2Mb / 40P
OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED DECEMBER 2022
OPA205 TI-OPA205_V03 Datasheet
2Mb / 42P
OPAx205 4-μV, 0.08-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED MARCH 2023
OPA206 TI-OPA206_V02 Datasheet
2Mb / 39P
OPAx206 Input-Overvoltage-Protected, 4-μV, 0.08-μV/°C, Low-Power Super Beta, e-trim™ Op Amps
REVISED MARCH 2023
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com