Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD69 Datasheet (PDF) - Renesas Technology Corp

UPD69 Datasheet PDF - Renesas Technology Corp
Part # UPD69
Download  UPD69 Download
File Size   577.86 Kbytes
Page   73 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD69 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD69 Datasheet PDF - Renesas Technology Corp

Part # UPD69
Download  UPD69 Click to download

File Size   577.86 Kbytes
Page   73 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD69 Datasheet (HTML) - Renesas Technology Corp


UPD69 Product details

FEATURES
• Program memory (ROM)
• μPD67, 67A: 1,002 × 10 bits
• μPD68, 68A: 2,026 × 10 bits
• μPD69: 4,074 × 10 bits
• Data memory (RAM)
• μPD67, 67A, 68, 68A: 32 × 4 bits
• μPD69: 128 × 4 bits
• On-chip carrier generator for infrared remote control: Each high-/low-level width can be set from 250 ns to 64
μs (@ fX = 4 MHz operation) via modulo registers
• 9-bit programmable timer: 1 channel
• Instruction execution time: 16 μs (@ fX = 4 MHz operation: ceramic oscillation)
• Stack level: 1 level (Stack RAM is multiplexed with data memory RF.)
• I/O pins (KI/O): 8
• Input pins (KI): 4
• Sense input pins (S0, S2): 2
• S1/LED pin (I/O): 1 (when in output mode, this is the remote control transmission display pin)
• Power supply voltage: VDD = 2.0 to 3.6 V
• Operating ambient temperature: TA = –40 to +85°C
• Oscillator frequency: fX = 3.5 to 4.5 MHz
• On-chip POC circuit and RAM retention detector
• Capacitor for oscillator: 15 pF (mask option)




Similar Part No. - UPD69

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6951 NEC-UPD6951 Datasheet
216Kb / 10P
6 BIT D/A CONVERTER FOR VIDEO SIGNAL PROCESSING CMOS LSI
UPD6951C NEC-UPD6951C Datasheet
216Kb / 10P
6 BIT D/A CONVERTER FOR VIDEO SIGNAL PROCESSING CMOS LSI
UPD6951G NEC-UPD6951G Datasheet
216Kb / 10P
6 BIT D/A CONVERTER FOR VIDEO SIGNAL PROCESSING CMOS LSI
logo
Renesas Technology Corp
UPD69A RENESAS-UPD69A Datasheet
576Kb / 75P
MOS INTEGRATED CIRCUIT
2002
UPD69AMC-XXX-5A4 RENESAS-UPD69AMC-XXX-5A4 Datasheet
576Kb / 75P
MOS INTEGRATED CIRCUIT
2002
More results


Similar Description - UPD69

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com