Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2S15901SP Datasheet (PDF) - Renesas Technology Corp

R2S15901SP Datasheet PDF - Renesas Technology Corp
Part # R2S15901SP
Download  R2S15901SP Download
File Size   200.24 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Delay IC for Lip Sync

R2S15901SP Datasheet (PDF)

Go To PDF Page Download Datasheet
R2S15901SP Datasheet PDF - Renesas Technology Corp

Part # R2S15901SP
Download  R2S15901SP Click to download

File Size   200.24 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Delay IC for Lip Sync

R2S15901SP Datasheet (HTML) - Renesas Technology Corp


R2S15901SP Product details

Description

R2S15901SP is a digital audio delay chip to synchronize the TV video and audio signals.



Features

• CMOS Technology

• 2-Channel 24-bit Audio signals delay

• Delay time is controlled by DC voltage (9steps: 1, 7/8, 3/4, 5/8, 1/2, 3/8, 1/4, 1/8 times)

• 43K bytes RAM up to delay 224ms(@fs = 32kHz) When fs = 48kHz, maximum delay is 149ms.

• 2 3-state pins for 9-step configuration

• 3.3V signal input available



Applications

  LCD TV, PDP, DVD Recorder, AV Amplifier



 




Similar Part No. - R2S15901SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
2ch Electronic Volume with Surround
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
2ch Electronic Volume with Surround
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
6ch Electronic Volume with 4 Input Selector
R2S15903SP RENESAS-R2S15903SP Datasheet
303Kb / 12P
Sound Controller with Surround and AGC
More results


Similar Description - R2S15901SP

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU9702 NJRC-NJU9702 Datasheet
313Kb / 11P
SINGLE CHIP DIGITAL DELAY IC
logo
Texas Instruments
TPA5052 TI-TPA5052 Datasheet
261Kb / 10P
STEREO DIGITAL AUDIO LIP-SYNC DELAY
TPA5051 TI-TPA5051 Datasheet
511Kb / 19P
FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
Rohm
BA7078AF ROHM-BA7078AF_1 Datasheet
306Kb / 6P
Sync.Seperator/Sync. Detector IC for Multi-Sync. Monitor
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
CMOS IC Lip-Sync Enabling Audio DSP
logo
Nippon Precision Circui...
SM5921A NPC-SM5921A Datasheet
152Kb / 27P
8-channel Lip Sync Delay
logo
Texas Instruments
TPA5050 TI-TPA5050_07 Datasheet
859Kb / 21P
STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_08 Datasheet
888Kb / 21P
STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com