Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2S15902FP Datasheet (PDF) - Renesas Technology Corp

R2S15902FP Datasheet PDF - Renesas Technology Corp
Part # R2S15902FP
Download  R2S15902FP Download
File Size   469.22 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6ch Electronic Volume with 4 Input Selector

R2S15902FP Datasheet (PDF)

Go To PDF Page Download Datasheet
R2S15902FP Datasheet PDF - Renesas Technology Corp

Part # R2S15902FP
Download  R2S15902FP Click to download

File Size   469.22 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6ch Electronic Volume with 4 Input Selector

R2S15902FP Datasheet (HTML) - Renesas Technology Corp


R2S15902FP Product details

Description

R2S15902FP is an audio signal processor for home audio. This IC contains 6 channels electronic volume, gain control input selector and 2 band tone control.



Features

•  6 channels independent electronic volume (0 to –99dB/1dBstep, –∞dB)

•  6 channels independent gain control (0 to +14dB/ 2dB step)

•  L/R channel 4 input selector (Input gain: 0 to +14dB/ 2dB step)

•  Multi channel input: 6 channels input

•  Tone control Bass: –14 to + 14dB(2dB step), Treble: –14 to + 14dB(2dB step)

•  Can use 1 input for REC output (REC output gain: 0, +2, +4, +6dB)

•  Built-in ADC output (Input Att: 0/ –6/ –12/ –18dB)

•  Built-in L+R/ L–R block

•  Built-in digital power supply



Recommended Operating Condition

Supply voltage range  VCC= 8.0V to 10.0V: 9.0V(typ)



Application

Receiver, AV amp, Home theater, Mini stereo etc.




Similar Part No. - R2S15902FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
2ch Electronic Volume with Surround
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
2ch Electronic Volume with Surround
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
Digital Delay IC for Lip Sync
R2S15903SP RENESAS-R2S15903SP Datasheet
303Kb / 12P
Sound Controller with Surround and AGC
More results


Similar Description - R2S15902FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
M61540FP HITACHI-M61540FP Datasheet
158Kb / 17P
6ch Electronic Volume with 5 Input Selector
logo
Renesas Technology Corp
M61527FP RENESAS-M61527FP Datasheet
230Kb / 18P
6ch ELECTRONIC VOLUME WITH 10 INPUT SELECTOR
logo
New Japan Radio
NJW1191 NJRC-NJW1191 Datasheet
268Kb / 20P
4-channel Electronic Volume with Input Selector
logo
Rohm
BD3811K1 ROHM-BD3811K1 Datasheet
216Kb / 6P
6ch Volume with 8ch input selector
BD3818KS ROHM-BD3818KS Datasheet
238Kb / 6P
6ch Volume with 5ch input selector
logo
Renesas Technology Corp
M61524FP RENESAS-M61524FP Datasheet
301Kb / 21P
2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
M61540FP RENESAS-M61540FP Datasheet
157Kb / 17P
6ch Electronic Volume with 5 Input Selector
logo
New Japan Radio
NJW1195 NJRC-NJW1195 Datasheet
87Kb / 3P
4-Channel Electronic Volume with Input Selector
NJW1195A NJRC-NJW1195A Datasheet
85Kb / 3P
4-Channel Electronic Volume with Input Selector
NJW1191V-TE1 NJRC-NJW1191V-TE1 Datasheet
273Kb / 20P
4-channel Electronic Volume with Input Selector
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com