Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2S15902FP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R2S15902FP
Description  6ch Electronic Volume with 4 Input Selector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2S15902FP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R2S15902FP Datasheet HTML 5Page - Renesas Technology Corp R2S15902FP Datasheet HTML 6Page - Renesas Technology Corp R2S15902FP Datasheet HTML 7Page - Renesas Technology Corp R2S15902FP Datasheet HTML 8Page - Renesas Technology Corp R2S15902FP Datasheet HTML 9Page - Renesas Technology Corp R2S15902FP Datasheet HTML 10Page - Renesas Technology Corp R2S15902FP Datasheet HTML 11Page - Renesas Technology Corp R2S15902FP Datasheet HTML 12Page - Renesas Technology Corp R2S15902FP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
R2S15902FP
Rev.1.0 Nov 22, 2005 page 9 of 15
(11) 6channels Volume
It’s initial setting when power is turned on.
Lch
D3b
D4b
D5b
D6b
D7b
D8b
D9b
Rch
D13b
D14b
D15b
D16b
D17b
D18b
D19b
Cch
D3c
D4c
D5c
D6c
D7c
D8c
D9c
SWch
D13c
D14c
D15c
D16c
D17c
D18c
D19c
SLch
D3d
D4d
D5d
D6d
D7d
D8d
D9d
ATT
SRch
D13d
D14d
D15d
D16d
D17d
D18d
D19d
0dB
0
0
0
0
0
0
0
–1dB
0
0
0
0
0
0
1
–2dB
0
0
0
0
0
1
0
–3dB
0
0
0
0
0
1
1
–4dB
0
0
0
0
1
0
0
–5dB
0
0
0
0
1
0
1
–6dB
0
0
0
0
1
1
0
–7dB
0
0
0
0
1
1
1
–8dB
0
0
0
1
0
0
0
–9dB
0
0
0
1
0
0
1
–10dB
0
0
0
1
0
1
0
–11dB
0
0
0
1
0
1
1
–12dB
0
0
0
1
1
0
0
–13dB
0
0
0
1
1
0
1
–14dB
0
0
0
1
1
1
0
–15dB
0
0
0
1
1
1
1
–16dB
0
0
1
0
0
0
0
–17dB
0
0
1
0
0
0
1
–18dB
0
0
1
0
0
1
0
–19dB
0
0
1
0
0
1
1
–20dB
0
0
1
0
1
0
0
–21dB
0
0
1
0
1
0
1
–22dB
0
0
1
0
1
1
0
–23dB
0
0
1
0
1
1
1
–24dB
0
0
1
1
0
0
0
–25dB
0
0
1
1
0
0
1
–26dB
0
0
1
1
0
1
0
–27dB
0
0
1
1
0
1
1
–28dB
0
0
1
1
1
0
0
–29dB
0
0
1
1
1
0
1
–30dB
0
0
1
1
1
1
0
–31dB
0
0
1
1
1
1
1
–32dB
0
1
0
0
0
0
0
–33dB
0
1
0
0
0
0
1
–34dB
0
1
0
0
0
1
0
–35dB
0
1
0
0
0
1
1
–36dB
0
1
0
0
1
0
0
–37dB
0
1
0
0
1
0
1
–38dB
0
1
0
0
1
1
0
–39dB
0
1
0
0
1
1
1
–40dB
0
1
0
1
0
0
0
–41dB
0
1
0
1
0
0
1
–42dB
0
1
0
1
0
1
0
–43dB
0
1
0
1
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com