Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2S15902FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R2S15902FP
Description  6ch Electronic Volume with 4 Input Selector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2S15902FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R2S15902FP Datasheet HTML 8Page - Renesas Technology Corp R2S15902FP Datasheet HTML 9Page - Renesas Technology Corp R2S15902FP Datasheet HTML 10Page - Renesas Technology Corp R2S15902FP Datasheet HTML 11Page - Renesas Technology Corp R2S15902FP Datasheet HTML 12Page - Renesas Technology Corp R2S15902FP Datasheet HTML 13Page - Renesas Technology Corp R2S15902FP Datasheet HTML 14Page - Renesas Technology Corp R2S15902FP Datasheet HTML 15Page - Renesas Technology Corp R2S15902FP Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
R2S15902FP
Rev.1.0 Nov 22, 2005 page 13 of 15
Tone Control
(1) Bass
R1
C1
C2
R2
R3
IN
OUT
< Boost >
f0 =
Q =
Gv =
2
R1(R2+R3)C1C2
1
(R2+R3)R1C1C2
R1(C1+C2)+R3C1
20 log
R1(C1+C2)+(R2+R3)C1
R1(C1+C2)+R3C1
(Hz)
(dB)
R3
R2
IN
OUT
< Cut >
f0 =
2
R1(R2+R3)C1C2
1
(Hz)
Q =
Gv =
(R2+R3)R1C1C2
R1(C1+C2)+R3C1
20 log
R1(C1+C2)+(R2+R3)C1
R1(C1+C2)+R3C1
(dB)
0.047
0.15
4.7K
C2
0.15
C1
0.047
R1
4.7K
π
μμ
+
+
+
+
π
μ
μ
[Designed Parameter]
Gain
Setting
Designed Parameter
R3(k
)
R2(k
)
+14dB
+12dB
+10dB
+8dB
79.81
0.19
74.66
5.21
11.83
68.17
60.01
19.99
+6dB
+4dB
+2dB
49.73
30.27
43.21
36.79
20.51
59.49
R1=4.7k
C1=0.047
μF C2=0.15μF
Ω,
Ω
Ω
,
[Designed Parameter]
Gain
Setting
Designed Parameter
R3(k
)
R2(k
)
-14dB
-12dB
-10dB
-8dB
79.81
0.19
74.66
5.21
11.83
68.17
60.01
19.99
-6dB
-4dB
-2dB
49.73
30.27
43.21
36.79
20.51
59.49
R1=4.7k
C1=0.047
μF C2=0.15μF
Ω
,,
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com