Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61524FP Datasheet (PDF) - Renesas Technology Corp

M61524FP Datasheet PDF - Renesas Technology Corp
Part # M61524FP
Download  M61524FP Download
File Size   301.81 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR

M61524FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M61524FP Datasheet PDF - Renesas Technology Corp

Part # M61524FP
Download  M61524FP Click to download

File Size   301.81 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR

M61524FP Datasheet (HTML) - Renesas Technology Corp


M61524FP Product details

Features
   Function                             FEATURES
   Input selector                     4input selector MUTE
   Input gain control               0,+3,+6,+9dB
   Karaoke mode                   Stereo, Lch mono, Rch mono, Vocal cut
   MIC MIX                             Mixing before the output of REC MIC amp:+6dB, With the MIC SWs
   REC Output                       LRch each one output
   Surround                            With the ON/OFF SWs
   Main Volume                      0 -90dB, -∞/1dB step
                                              • A volume 0 to -24dB/1dB step
                                              • B volume 0 to -66dB, -∞/1dB step
                                              Each channel is independence control.
   Tone control                       (1) Bass -8 +14dB/2dB step,f0=100Hz
                                              (2) Mid:±8dB/2dB step,f0=1KHz
                                              (3) Treble: ±8dB/2dB step,f0=10KHz
                                               Add a Bypass Mode/Tone Mode changing SWs
   Bass boost                          High Pass Filter Type
   Microcomputer Interface     2 line serial data control .

Application
   Mini Stereo, etc.




Similar Part No. - M61524FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
M61524FP HITACHI-M61524FP Datasheet
301Kb / 21P
2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
More results


Similar Description - M61524FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
REJ03F0035_M61524FP HITACHI-REJ03F0035_M61524FP Datasheet
301Kb / 21P
2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
logo
New Japan Radio
NJW1191 NJRC-NJW1191 Datasheet
268Kb / 20P
4-channel Electronic Volume with Input Selector
logo
Renesas Technology Corp
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
6ch Electronic Volume with 4 Input Selector
R2A15908SP RENESAS-R2A15908SP Datasheet
497Kb / 14P
5 Input Selector 2ch Electronic Volume with Tone & Surround
M61522FP RENESAS-M61522FP Datasheet
230Kb / 18P
8ch ELECTRONIC VOLUME WITH 8 INPUT SELECTOR
M61540FP RENESAS-M61540FP Datasheet
157Kb / 17P
6ch Electronic Volume with 5 Input Selector
logo
New Japan Radio
NJW1195 NJRC-NJW1195 Datasheet
87Kb / 3P
4-Channel Electronic Volume with Input Selector
NJW1195A NJRC-NJW1195A Datasheet
85Kb / 3P
4-Channel Electronic Volume with Input Selector
NJW1201A NJRC-NJW1201A Datasheet
373Kb / 30P
2ch Electronic Volume with Dynamic Bass Boost 51diff Input Selector
NJW1191V-TE1 NJRC-NJW1191V-TE1 Datasheet
273Kb / 20P
4-channel Electronic Volume with Input Selector
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com