Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61524FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M61524FP
Description  2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61524FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M61524FP Datasheet HTML 1Page - Renesas Technology Corp M61524FP Datasheet HTML 2Page - Renesas Technology Corp M61524FP Datasheet HTML 3Page - Renesas Technology Corp M61524FP Datasheet HTML 4Page - Renesas Technology Corp M61524FP Datasheet HTML 5Page - Renesas Technology Corp M61524FP Datasheet HTML 6Page - Renesas Technology Corp M61524FP Datasheet HTML 7Page - Renesas Technology Corp M61524FP Datasheet HTML 8Page - Renesas Technology Corp M61524FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
M61524FP
Rev.1.0, Sep.19.2003, page 2 of 20
System Configuration
CLOCK
VOL
OUT2
VOL
OUT1
MCU Interface
IN A1
IN B1
IN C1
IN D1
IN A2
IN B2
IN C2
IN D2
A Volume1
A Volume2
Stereo
Lch mono
Rch mono
Vocal cut
Bass
Boost
Bass
Boost
DATA
REC1
AVOLIN1
REC2
AVOLIN2
MIC
Bypass
Bypass
0,+3,
+6+9dB
0,+3,
+6+9dB
MIC SW
M 61524FP
Surround
Tone control
(Bass/Mi d/Treble)
B Volume1
B Volume2
BVOLIN1
BVOLIN2
TOUT1
TOUT2
+6dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com