Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A15908SP Datasheet (PDF) - Renesas Technology Corp

R2A15908SP Datasheet PDF - Renesas Technology Corp
Part # R2A15908SP
Download  R2A15908SP Download
File Size   497.03 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5 Input Selector 2ch Electronic Volume with Tone & Surround

R2A15908SP Datasheet (PDF)

Go To PDF Page Download Datasheet
R2A15908SP Datasheet PDF - Renesas Technology Corp

Part # R2A15908SP
Download  R2A15908SP Click to download

File Size   497.03 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5 Input Selector 2ch Electronic Volume with Tone & Surround

R2A15908SP Datasheet (HTML) - Renesas Technology Corp


R2A15908SP Product details

Description

The R2A15908SP is an optimum audio signal processor IC for TV. It has a 5ch input selector with mono switch, surround, tone control (2band), input gain control and 2ch master volume. It can control all of these functions with I2C bus.



Features

• Volume 0 to –87dB, –∞ / 1dB step Each channel is independent control.

• 5 input selector + MUTE with mono switch

• Input gain control 0dB to +20dB / 2dB step

• Tone control Bass : –14dB to +14dB / 2dB step

   Treble : – 14dB to +14dB / 2dB step

• Surround Low / High

• Mode selector Bypass / Tone / Tone & Surround

• I2C-bus control

• Package SOP with 28 pin



Application

• Mini stereo, TV, etc.




Similar Part No. - R2A15908SP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R2A15112 ETC1-R2A15112 Datasheet
194Kb / 1P
R2A15112 / R2A15112FP / TQFP 8 Pin / Renesas
R2A15112FP ETC1-R2A15112FP Datasheet
194Kb / 1P
R2A15112 / R2A15112FP / TQFP 8 Pin / Renesas
logo
Renesas Technology Corp
R2A15120FA RENESAS-R2A15120FA Datasheet
56Kb / 1P
R2A15120 QFP 48Pin / 15W / 8 Ohm / BTL 2ch D class power amplifier
More results


Similar Description - R2A15908SP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
REJ03F0035_M61524FP HITACHI-REJ03F0035_M61524FP Datasheet
301Kb / 21P
2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
M61540FP HITACHI-M61540FP Datasheet
158Kb / 17P
6ch Electronic Volume with 5 Input Selector
logo
Renesas Technology Corp
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
2ch Electronic Volume with Surround
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
2ch Electronic Volume with Surround
M61524FP RENESAS-M61524FP Datasheet
301Kb / 21P
2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
M61540FP RENESAS-M61540FP Datasheet
157Kb / 17P
6ch Electronic Volume with 5 Input Selector
logo
New Japan Radio
NJW1194 NJRC-NJW1194 Datasheet
77Kb / 4P
2-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR AND TONE CONTROL
logo
Princeton Technology Co...
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
2CH Electronic Volume with Tone & Surround
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
2CH Electronic Volume with Tone & Surround
logo
New Japan Radio
NJW1201A NJRC-NJW1201A Datasheet
373Kb / 30P
2ch Electronic Volume with Dynamic Bass Boost 51diff Input Selector
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com