Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2329 Datasheet (PDF) - Princeton Technology Corp

PT2329 Datasheet PDF - Princeton Technology Corp
Part # PT2329
Download  PT2329 Download
File Size   189.45 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 2CH Electronic Volume with Tone & Surround

PT2329 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2329 Datasheet PDF - Princeton Technology Corp

Part # PT2329
Download  PT2329 Click to download

File Size   189.45 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 2CH Electronic Volume with Tone & Surround

PT2329 Datasheet (HTML) - Princeton Technology Corp


PT2329 Product details

DESCRIPTION

The PT2329 is a 2-ch electronic volume with tone and surround IC for Mini Combo. It has a 6-input selector, Bypass/tone/tone & surround, input gain control and 2ch master volume. It can control all of these functions with I2C Interface.



FEATURES

• Supply voltage: Vcc=9V (typ.)

• Volume: 0~-87dB, -∞/1dB step, each channels are independence control.

• Input selector: 6 stereo input selectorinclude 1 REC output of 0/-2dB + Mute

• Input gain control: 0dB~+12dB/1dB step

• Tone control:

  - Bass: -15dB~+15dB/1dB step

  - Treble: -15dB~+15dB/1dB step

• Surround: Surround

• Mode selector: Bypass/Tone/Tone & Surround

• Built-in de-pop function.

• I2C interface: 2 ports serial control



APPLICATION

•Mini Combo




Similar Part No. - PT2329

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2329 PTC-PT2329 Datasheet
189Kb / 4P
2CH Electronic Volume with Tone & Surround
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
2CH Electronic Volume with Tone & Surround
More results


Similar Description - PT2329

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M51132L RENESAS-M51132L Datasheet
342Kb / 12P
2ch Electronic Volume Balance
Rev.1.0 Sep.05.2003
R2S15900SP RENESAS-R2S15900SP Datasheet
210Kb / 9P
2ch Electronic Volume with Surround
M61541FP RENESAS-M61541FP Datasheet
331Kb / 16P
6ch Electronic Volume with Tone Control
logo
Mitsubishi Electric Sem...
M51132L MITSUBISHI-M51132L Datasheet
519Kb / 9P
2CH ELECTRONIC VOLUME-BALANCE
logo
Renesas Technology Corp
R2A15908SP RENESAS-R2A15908SP Datasheet
497Kb / 14P
5 Input Selector 2ch Electronic Volume with Tone & Surround
R2S15900SP RENESAS-R2S15900SP_06 Datasheet
273Kb / 10P
2ch Electronic Volume with Surround
M61520FP RENESAS-M61520FP Datasheet
244Kb / 16P
6ch Electronic Volume with Tone Control
M62420SP RENESAS-M62420SP Datasheet
183Kb / 17P
2ch Electronic Volume with Tone by I2C Bus System
logo
Rohm
BD3812F ROHM-BD3812F_1 Datasheet
337Kb / 10P
2ch Electronic Volume
logo
Princeton Technology Co...
PT2329 PTC-PT2329_10 Datasheet
189Kb / 4P
2CH Electronic Volume with Tone & Surround
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com