Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSNF681 Datasheet (PDF) - Honeywell Solid State Electronics Center

CSNF681 Datasheet PDF - Honeywell Solid State Electronics Center
Part # CSNF681
Download  CSNF681 Download
File Size   712.58 Kbytes
Page   9 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Solid State Sensors Closed Loop Current Sensors

CSNF681 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSNF681 Datasheet PDF - Honeywell Solid State Electronics Center

Part # CSNF681
Download  CSNF681 Click to download

File Size   712.58 Kbytes
Page   9 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description Solid State Sensors Closed Loop Current Sensors

CSNF681 Datasheet (HTML) - Honeywell Solid State Electronics Center


CSNF681 Product details

DESCRIPTION

These new industrial current sensors extend Honeywell’s closed loop current sensing capability. They offer increased current measuring capability up to 1000Aover an extended temperature range of -40°C to +85°C and are available with different terminal options.

The sensors are closed loop devices based on the principle of the hall effect and null balance method. The output from the current sensor is the balancing current which is a perfect image of the primary current reduced by the number of secondary turns at any time. This current can be expressed as a voltage by passing it through a resistor.



FEATURES

• Current sensing up to 1000A

• Measures DC, AC and impulse currents

• Very fast response

• High overload capability

• Extended temperature range -40°C to +85°C

• Different termination styles

• Optional conformal coating



BENEFITS

• Increased measuring range in compact package

• No restriction on input current waveform

• Output signal accurately tracks changes in input signal

• Sensor integrity unaffected

• Improved reliability

• Flexibility of connection style

• Provides additional protection to the sensors



TYPICAL APPLICATIONS

• Variable speed drives

• Overcurrent protection

• Power supplies

• Feedback control systems

• Robotics

• Welding equipment



 




Similar Part No. - CSNF681

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
CSNF661 HONEYWELL-CSNF661 Datasheet
110Kb / 4P
CSN Series closed loop current sensor
More results


Similar Description - CSNF681

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LDA100 CLARE-LDA100 Datasheet
69Kb / 5P
Solid State Current Sensors
LDA101 CLARE-LDA101 Datasheet
68Kb / 5P
Solid State Current Sensors
LDA110 CLARE-LDA110 Datasheet
69Kb / 5P
Solid State Current Sensors
LDA111 CLARE-LDA111 Datasheet
69Kb / 5P
Solid State Current Sensors
LDA200 CLARE-LDA200 Datasheet
70Kb / 5P
Solid State Current Sensors
LDA201 CLARE-LDA201 Datasheet
70Kb / 5P
Solid State Current Sensors
LDA210 CLARE-LDA210 Datasheet
70Kb / 5P
Solid State Current Sensors
LDA211 CLARE-LDA211 Datasheet
70Kb / 5P
Solid State Current Sensors
logo
Texas Instruments
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
logo
Honeywell Solid State E...
005999 HONEYWELL-005999 Datasheet
639Kb / 5P
Open Loop Current Sensors
10/22
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com