Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSNF681 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # CSNF681
Description  Solid State Sensors Closed Loop Current Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CSNF681 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  CSNF681 Datasheet HTML 1Page - Honeywell Solid State Electronics Center CSNF681 Datasheet HTML 2Page - Honeywell Solid State Electronics Center CSNF681 Datasheet HTML 3Page - Honeywell Solid State Electronics Center CSNF681 Datasheet HTML 4Page - Honeywell Solid State Electronics Center CSNF681 Datasheet HTML 5Page - Honeywell Solid State Electronics Center CSNF681 Datasheet HTML 6Page - Honeywell Solid State Electronics Center CSNF681 Datasheet HTML 7Page - Honeywell Solid State Electronics Center CSNF681 Datasheet HTML 8Page - Honeywell Solid State Electronics Center CSNF681 Datasheet HTML 9Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Solid State Sensors
CSN Series
Closed Loop Current Sensors
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
63
CSNJ, CSNK SERIES ORDER GUIDE
Catalog Listings
Current
Range
Amps
Supply
Voltage
VDC ± 5%
Coil Characteristics
Meas.
Currents
Nom.
Meas.
Resist (@ Inom)
Turns
Resistance
CSNJ481
±600
±12 to 18
2000
25 @70°C
150 mA for 300 A
0 to 70
CSNJ481-001*
±600
±12 to 18
2000
25 @70°C
150 mA for 300 A
0 to 70
CSNJ481-002
±600
±12 to 18
2000
25 @70°C
150 mA for 300 A
0 to 70
CSNJ481-003*
±600
±12 to 18
2000
25 @70°C
150 mA for 300 A
0 to 70
CSNK591
±1200
±15 to 24
5000
50 @70°C
100 mA for 500 A
0 to 130
CSNK591-001*
±1200
±15 to 24
5000
50 @70°C
100 mA for 500 A
0 to 130
CSNK591-002
±1200
±15 to 24
5000
50 @70°C
100 mA for 500 A
0 to 130
CSNK591-003*
±1200
±15 to 24
5000
50 @70°C
100 mA for 500 A
0 to 130
*Fitted with busbar
SPECIFICATIONS
Catalog Listings
CSNJ481
CSNJ481-002
CSNK591
CSNK591-002
CSNJ481-001
CSNJ481-003
CSNK591-001
CSNK591-003
Offset Current @ 25°C, mA max.
±0.30
±0.30
±0.20
±0.20
Temperature Drift, 0 to 70°C, mA
±0.30 typ.
±0.30 typ.
±0.20 typ.
±0.20 typ.
±0.50 max.
±0.50 max.
±0.30 max.
±0.30 max.
Linearity
±0.1%
±0.1%
±0.1%
±0.1%
Supply Voltage
±12 to ±18V
±12 to ±18V
±15 to ±24V
±15 to ±24V
Galvanic Isolation @ 50 Hz/1 min.
7.5 kV rms
7.5 kV rms
6 kV rms
6 kV rms
Accuracy
±0.5% of IN (nominal Current) at 25°C
Response Time
<1 s
Bandwidth
DC to 150 kHz
Operating Temperature
−40 to 85°C
0 to 70°C
−40 to 85°C
0 to 70°C
(−40 to 185°F)
(32 to 158°F(−40 to 185°F)
(32 to 158°F)
Storage Temperature
−40 to 90°C
−25 to 85°C
−40 to 90°C
−25 to 85°C
(−40 to 194°F)
(−13 to 85°F(−40 to 194°F)
(−13 to 85°F)
Primary Circuit Connection
Thru-hole or busbar
Thru-hole or busbar
Thru-hole or busbar
Thru-hole or busbar
Secondary Circuit Connection
3 pins
3 pins
3 pins
3 pins
Current Drain
14 mA (no load current) + output current
22 mA (24 V) + output current
‘‘In-Out’’ Sense Signal
To obtain positive measuring current on O/P terminal, current must flow in direction of arrow
Mounting
Faston, 3 pins
Push-on (spade), 3 terminals
WIRING DIAGRAM
PDFINFO
p a g e - 0 6 3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com