Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4280CZ10 Datasheet (PDF) - Nexperia B.V. All rights reserved

IP4280CZ10 Datasheet PDF - Nexperia B.V. All rights reserved
Part # IP4280CZ10
Download  IP4280CZ10 Download
File Size   178.24 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description ESD protection for HDMI interface

IP4280CZ10 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP4280CZ10 Datasheet PDF - Nexperia B.V. All rights reserved

Part # IP4280CZ10
Download  IP4280CZ10 Click to download

File Size   178.24 Kbytes
Page   9 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description ESD protection for HDMI interface

IP4280CZ10 Datasheet (HTML) - Nexperia B.V. All rights reserved


IP4280CZ10 Product details

1.1 General description
The IP4280CZ10 is designed for HDMI interface protection. The device includes
high-level ElectroStatic Discharge (ESD) protection diodes for the TMDS signal lines.
Furthermore, all TMDS intra-pairs are protected by a special diode configuration offering a
low line capacitance of 0.7 pF only. These diodes provide protection to downstream
components from ESD voltages of up to ±8 kV contact according to IEC 61000-4-2,
level 4 standard.
1.2 Features
n Pb-free and RoHS compliant, Dark Green
n ESD protection for HDMI
n All TMDS lines with integrated rail-to-rail clamping diodes with downstream ESD
protection of ±8 kV according to IEC 61000-4-2, level 4 standard
n Matched 0.5 mm trace spacing
n TMDS lines with £ 0.05 pF matching of capacitance between the TMDS pairs
n Line capacitance of only 0.7 pF per channel
n 4-channel TSSOP10 lead-free package
n HDMI 1.3 compliant
1.3 Applications
n The IP4280CZ10 is designed for HDMI receiver and transmitter port protection e.g.:
u TVs, monitors
u Notebooks and mainboard graphics cards and ports
u Set-top boxes and game consoles
u DVD recorders and players




Similar Part No. - IP4280CZ10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4280CZ10 NXP-IP4280CZ10 Datasheet
63Kb / 8P
ESD protection for HDMI interface
Rev. 01-6 June 2007
More results


Similar Description - IP4280CZ10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DSILC6-4XX STMICROELECTRONICS-DSILC6-4XX Datasheet
354Kb / 11P
ESD Protection for high speed interface
28-May-2007
ESDAULC6-3BP6 STMICROELECTRONICS-ESDAULC6-3BP6 Datasheet
304Kb / 11P
ESD protection for high speed interface
03-Jul-2007
logo
Semtech Corporation
RCLAMP0544M SEMTECH-RCLAMP0544M Datasheet
424Kb / 11P
RailClamp짰 ESD Protection for HDMI Interfaces
logo
NXP Semiconductors
IP4280CZ10 NXP-IP4280CZ10 Datasheet
63Kb / 8P
ESD protection for HDMI interface
Rev. 01-6 June 2007
logo
Infineon Technologies A...
BGF128 INFINEON-BGF128 Datasheet
558Kb / 6P
HDMI Interface ESD Protection
V2.1, April 2009
logo
Bourns Electronic Solut...
CDDFN10-0524P BOURNS-CDDFN10-0524P Datasheet
739Kb / 1P
HDMI 1.3 - ESD & Overcurrent Protection
logo
STMicroelectronics
HDMI2C1-6C1 STMICROELECTRONICS-HDMI2C1-6C1 Datasheet
519Kb / 23P
ESD protection and signal booster for HDMI source control stage interface
25-Jul-2014
HDMI2C2-14HD STMICROELECTRONICS-HDMI2C2-14HD Datasheet
1Mb / 31P
ESD protection and signal booster for HDMI??1.4 sink interface
August 2014 Rev1
logo
Texas Instruments
ESD224 TI1-ESD224 Datasheet
331Kb / 17P
Low Clamping 4-Channel ESD Protection Device for HDMI Interface
logo
STMicroelectronics
HDMI2C1-6C1 STMICROELECTRONICS-HDMI2C1-6C1_V01 Datasheet
1Mb / 22P
ESD protection and signal booster for HDMI source control stage interface
26-Aug-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com