Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4280CZ10 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # IP4280CZ10
Description  ESD protection for HDMI interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4280CZ10 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  IP4280CZ10 Datasheet HTML 1Page - Nexperia B.V. All rights reserved IP4280CZ10 Datasheet HTML 2Page - Nexperia B.V. All rights reserved IP4280CZ10 Datasheet HTML 3Page - Nexperia B.V. All rights reserved IP4280CZ10 Datasheet HTML 4Page - Nexperia B.V. All rights reserved IP4280CZ10 Datasheet HTML 5Page - Nexperia B.V. All rights reserved IP4280CZ10 Datasheet HTML 6Page - Nexperia B.V. All rights reserved IP4280CZ10 Datasheet HTML 7Page - Nexperia B.V. All rights reserved IP4280CZ10 Datasheet HTML 8Page - Nexperia B.V. All rights reserved IP4280CZ10 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IP4280CZ10_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 6 June 2007
3 of 8
NXP Semiconductors
IP4280CZ10
ESD protection for HDMI interface
6.
Characteristics
[1]
This parameter is guaranteed by design.
[2]
This measurement is made with a 0.1
µF external capacitor connected between pin 3 (supply voltage) and pin 8 (ground).
Table 5.
Characteristics
Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBRzd
Zener diode breakdown voltage
I=1mA
6
-
9
V
IL(r)
reverse leakage current
per TMDS channel; V = 3.0 V
-
-
1
µA
VF
forward voltage
-
0.7
-
V
Cch(TMDS)
TMDS channel capacitance
VCC = 5 V; f = 1 MHz; Vbias = 2.5 V
[1] -
0.7
-
pF
∆Cch(TMDS)
TMDS channel capacitance
difference
VCC = 5 V; f = 1 MHz; Vbias = 2.5 V
[1] -
0.05
-
pF
Cch(mutual)
mutual channel capacitance
between signal pin and pin n.c.;
VCC = 0 V; f = 1 MHz; Vbias = 2.5 V
[1] -
0.07
-
pF
Rdyn
dynamic resistance
I = 1 A, Tamb = 25 °C; IEC 61000-4-5/9
positive transient
-
2.4
-
Ω
negative transient
-
1.3
-
Ω
VCL(ch)trt(pos)
positive transient channel
clamping voltage
Vesd = 8 kV HBM; Tamb =25 °C
[2] -
8
-
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com