Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC360SMA120S Datasheet (PDF) - Microchip Technology

MSC360SMA120S Datasheet PDF - Microchip Technology
Part # MSC360SMA120S
Download  MSC360SMA120S Download
File Size   6997.56 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1200 V, 360SiC N-Channel Power MOSFET

MSC360SMA120S Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC360SMA120S Datasheet PDF - Microchip Technology

Part # MSC360SMA120S
Download  MSC360SMA120S Click to download

File Size   6997.56 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1200 V, 360SiC N-Channel Power MOSFET

MSC360SMA120S Datasheet (HTML) - Microchip Technology


MSC360SMA120S Product details

Features
The following are key features of the MSC360SMA120S device:
• Low capacitances and low gate charge
• Fast switching speed due to low internal gate resistance (ESR)
• Stable operation at high junction temperature, TJ(max) = 175 °C
• Fast and reliable body diode
• Superior avalanche ruggedness
• RoHS compliant

Applications
The MSC360SMA120S device is designed for the following applications:
• PV inverter, converter, and industrial motor drives
• Smart grid transmission and distribution
• Induction heating and welding
• H/EV powertrain and EV charger
• Power supply and distribution




Similar Part No. - MSC360SMA120S

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MSC3000 ASI-MSC3000 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MSC3003 ASI-MSC3003 Datasheet
33Kb / 3P
NPN SILICON RF POWER TRANSISTOR
MSC3005 ASI-MSC3005 Datasheet
16Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
Motorola, Inc
MSC3130 MOTOROLA-MSC3130 Datasheet
105Kb / 4P
NPN RF Amplifier Transistors Surface Mount?
logo
Leshan Radio Company
MSC3130 LRC-MSC3130 Datasheet
40Kb / 1P
NPN RF Amplifier Transistor Surface Mount
More results


Similar Description - MSC360SMA120S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LSIC1MO120E0080 LITTELFUSE-LSIC1MO120E0080 Datasheet
898Kb / 8P
LSIC1MO120E0080 1200 V N-channel, Enhancement-mode SiC MOSFET
LSIC1MO120E0120 LITTELFUSE-LSIC1MO120E0120 Datasheet
915Kb / 8P
LSIC1MO120E0120 1200 V N-channel, Enhancement-mode SiC MOSFET
LSIC1MO120E0160 LITTELFUSE-LSIC1MO120E0160 Datasheet
943Kb / 8P
LSIC1MO120E0160 1200 V N-channel, Enhancement-mode SiC MOSFET
logo
ON Semiconductor
NTHL080N120SC1 ONSEMI-NTHL080N120SC1 Datasheet
374Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 80 m, 31 A
April, 2020 ??Rev. 4
NTHL040N120SC1 ONSEMI-NTHL040N120SC1 Datasheet
242Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 40 m, 60 A
April, 2020 ??Rev. 1
NTHL160N120SC1 ONSEMI-NTHL160N120SC1 Datasheet
236Kb / 7P
MOSFET - SiC Power, Single N-Channel 1200 V, 160 m, 17 A
March, 2020 ??Rev. 0
logo
Littelfuse
LSIC1MO120G0025 LITTELFUSE-LSIC1MO120G0025 Datasheet
415Kb / 10P
1200 V, 25 mOhm N-Channel SiC MOSFET
2/8/2021
LSIC1MO120G0120 LITTELFUSE-LSIC1MO120G0120 Datasheet
528Kb / 10P
1200 V, 120 mOhm N-Channel SiC MOSFET
12/16/2020
logo
Microchip Technology
MSC080SMA120B4 MICROCHIP-MSC080SMA120B4 Datasheet
5Mb / 15P
1200 V, 80 mΩ SiC N-Channel Power MOSFET
12/2022 Revision B
MSC750SMA170SA MICROCHIP-MSC750SMA170SA Datasheet
5Mb / 15P
1700 V 750 mΩ SiC N-Channel Power MOSFET
03/2022 Revision A
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com