Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC750SMA170SA Datasheet (PDF) - Microchip Technology

MSC750SMA170SA Datasheet PDF - Microchip Technology
Part # MSC750SMA170SA
Download  MSC750SMA170SA Download
File Size   5542.02 Kbytes
Page   15 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1700 V 750SiC N-Channel Power MOSFET

MSC750SMA170SA Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC750SMA170SA Datasheet PDF - Microchip Technology

Part # MSC750SMA170SA
Download  MSC750SMA170SA Click to download

File Size   5542.02 Kbytes
Page   15 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1700 V 750SiC N-Channel Power MOSFET

MSC750SMA170SA Datasheet (HTML) - Microchip Technology


MSC750SMA170SA Product details

Features
The following are key features of the MSC750SMA170SA device:
• Low capacitances and low gate charge
• Fast switching speed due to low internal gate resistance (ESR)
• Stable operation at high junction temperature, TJ(max) = 175 °C
• Fast and reliable body diode
• Superior avalanche ruggedness
• RoHS compliant

Applications
The MSC750SMA170SA device is designed for the following applications:
• PV inverter, converter, and industrial motor drives
• Smart grid transmission and distribution
• Induction heating and welding
• H/EV powertrain and EV charger
• Power supply and distribution




Similar Part No. - MSC750SMA170SA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MSC750SMA170B MICROCHIP-MSC750SMA170B Datasheet
2Mb / 11P
Silicon Carbide N-Channel Power MOSFET
More results


Similar Description - MSC750SMA170SA

ManufacturerPart #DatasheetDescription
logo
Rohm
SCT2080KE ROHM-SCT2080KE Datasheet
821Kb / 14P
N-channel SiC power MOSFET
SCT2280KE ROHM-SCT2280KE Datasheet
787Kb / 14P
N-channel SiC power MOSFET
SCT2750NY ROHM-SCT2750NY Datasheet
840Kb / 14P
N-channel SiC power MOSFET
SCT3030KL ROHM-SCT3030KL Datasheet
734Kb / 14P
N-channel SiC power MOSFET
SCT3080AL ROHM-SCT3080AL Datasheet
736Kb / 14P
N-channel SiC power MOSFET
SCTMU001F ROHM-SCTMU001F_17 Datasheet
732Kb / 10P
N-channel SiC power MOSFET
logo
ON Semiconductor
NVH4L018N075SC1 ONSEMI-NVH4L018N075SC1 Datasheet
353Kb / 8P
MOSFET - SiC Power, Single N-Channel, TO247-4L 750 V, 13.5 m, 140 A
September, 2021-Rev. 3
logo
Littelfuse
LSIC1MO170E0750 LITTELFUSE-LSIC1MO170E0750 Datasheet
515Kb / 10P
1700 V, 750 mOhm N-Channel SiC MOSFET
12/14/2020
logo
Microchip Technology
MSC080SMA120B4 MICROCHIP-MSC080SMA120B4 Datasheet
5Mb / 15P
1200 V, 80 mΩ SiC N-Channel Power MOSFET
12/2022 Revision B
MSC360SMA120S MICROCHIP-MSC360SMA120S Datasheet
6Mb / 16P
1200 V, 360 mΩ SiC N-Channel Power MOSFET
01/2022 Revision A
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com