Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1316SB Datasheet (PDF) - Belden Inc.

1316SB Datasheet PDF - Belden Inc.
Part # 1316SB
Download  1316SB Download
File Size   139.6 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Shipboard Speaker, 2 Conductor 12 AWG TC, CMG-LS

1316SB Datasheet (PDF)

Go To PDF Page Download Datasheet
1316SB Datasheet PDF - Belden Inc.

Part # 1316SB
Download  1316SB Click to download

File Size   139.6 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Shipboard Speaker, 2 Conductor 12 AWG TC, CMG-LS

1316SB Datasheet (HTML) - Belden Inc.


1316SB Product details

Product Description
Shipboard Speaker, 2 Conductor 12 AWG stranded (65x30) tinned copper conductors, PP insulation, CMG-LS rating, LSZH jacket.




Similar Part No. - 1316SB

ManufacturerPart #DatasheetDescription
logo
Heyco.
1316 HEYCO-1316 Datasheet
120Kb / 1P
Window “View Port” Plugs
logo
Walther-Werke
1316 WALTHER-1316 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Heyco.
13160 HEYCO-13160 Datasheet
94Kb / 1P
Nytye® Nylon Cable Ties
13160 HEYCO-13160 Datasheet
105Kb / 1P
Nytye® Nylon Cable Ties
logo
Philips Lighting N.V
13160 PHILIPSLIGHTING-13160 Datasheet
159Kb / 5P
Halogen reflector
Sunday 2nd March, 2014
More results


Similar Description - 1316SB

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1314SB BELDEN-1314SB Datasheet
173Kb / 2P
Speaker Cable, 2 C #14 Str TC, LSZH Jacket, CMG-LS, ABS Certified,Flexible
01-20-2023
5000U1 BELDEN-5000U1 Datasheet
174Kb / 2P
Security & Sound, 2 Conductor-12 AWG TC, CL3
12-20-2022
6000FH BELDEN-6000FH Datasheet
143Kb / 2P
Security & Sound, 2 Conductor 12 AWG TC, CL2P
12-20-2022
1860A BELDEN-1860A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CMP
12-19-2022
8812WB BELDEN-8812WB Datasheet
147Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, Waterblocked
04-14-2023
1315SB BELDEN-1315SB Datasheet
140Kb / 2P
Shipboard Speaker, 4 Conductor 14 AWG TC, CMG-LS
11-09-2022
1317SB BELDEN-1317SB Datasheet
177Kb / 3P
Shipboard Speaker, 4 conductor 12 AWG TC, CMG-LS
12-20-2022
6000UH BELDEN-6000UH Datasheet
142Kb / 2P
Security & Sound, 2 Conductor 12 AWG, TC, Plenum
12-20-2022
8812 BELDEN-8812 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CM
04-14-2023
9497 BELDEN-9497 Datasheet
149Kb / 2P
Speaker Cable, 2 Conductor 16 AWG TC, Unshielded, CM
01-20-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com