Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8812 Datasheet (PDF) - Belden Inc.

8812 Datasheet PDF - Belden Inc.
Part # 8812
Download  8812 Download
File Size   155.36 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CM

8812 Datasheet (PDF)

Go To PDF Page Download Datasheet
8812 Datasheet PDF - Belden Inc.

Part # 8812
Download  8812 Click to download

File Size   155.36 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CM

8812 Datasheet (HTML) - Belden Inc.


8812 Product details

Product Description
2 Conductor 12 AWG, stranded (19x25) bare copper conductors, PVC/Nylon insulation, PVC jacket.




Similar Part No. - 8812

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
88121410C WINCHESTER-88121410C Datasheet
311Kb / 2P
REVISED & REDRAWN PER ER8145
88121410D WINCHESTER-88121410D Datasheet
311Kb / 2P
REVISED & REDRAWN PER ER8145
88121410H WINCHESTER-88121410H Datasheet
311Kb / 2P
REVISED & REDRAWN PER ER8145
88121411C WINCHESTER-88121411C Datasheet
311Kb / 2P
REVISED & REDRAWN PER ER8145
88121411D WINCHESTER-88121411D Datasheet
311Kb / 2P
REVISED & REDRAWN PER ER8145
More results


Similar Description - 8812

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8782 BELDEN-8782 Datasheet
143Kb / 2P
Speaker Cable, 2 Conductor 24 AWG BC, Unshielded, CM
01-20-2023
8810 BELDEN-8810 Datasheet
150Kb / 2P
Speaker Cable, 2 Conductor 10 AWG BC, Unshielded, CM
04-14-2023
8814 BELDEN-8814 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CM
04-14-2023
9716 BELDEN-9716 Datasheet
145Kb / 2P
Speaker Cable, 2 Conductor 16 AWG BC, Unshielded, CM
12-19-2022
9717 BELDEN-9717 Datasheet
146Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CM
12-20-2022
1860A BELDEN-1860A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CMP
12-19-2022
8649 BELDEN-8649 Datasheet
151Kb / 2P
Speaker Cable, 2 Conductor 20 AWG BC, Unshielded, CM
12-19-2022
9718 BELDEN-9718 Datasheet
145Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CM
11-09-2022
9151 BELDEN-9151 Datasheet
154Kb / 2P
Speaker Cable, 2 Conductor 22 AWG BC, Unshielded, CM
12-20-2022
9712 BELDEN-9712 Datasheet
144Kb / 2P
Speaker Cable, 2 Conductor 22 AWG BC, Unshielded, CM
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com