Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9712 Datasheet (PDF) - Belden Inc.

9712 Datasheet PDF - Belden Inc.
Part # 9712
Download  9712 Download
File Size   144.91 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Speaker Cable, 2 Conductor 22 AWG BC, Unshielded, CM

9712 Datasheet (PDF)

Go To PDF Page Download Datasheet
9712 Datasheet PDF - Belden Inc.

Part # 9712
Download  9712 Click to download

File Size   144.91 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Speaker Cable, 2 Conductor 22 AWG BC, Unshielded, CM

9712 Datasheet (HTML) - Belden Inc.


9712 Product details

Product Description
2 Conductor 22 AWG stranded (7x30) ETP high-conductivity copper conductors, clear PVC insulation, parallel: (1) tinned, (1) bare.




Similar Part No. - 9712

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9712 3M-9712 Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Heyco.
9712 HEYCO-9712 Datasheet
93Kb / 1P
Drive Fasteners
logo
Wurth Elektronik GmbH &...
971200151 WURTH-971200151 Datasheet
74Kb / 2P
AsSSTIE Steel Spacer Stud Metric Thread int./ext.
971200155 WURTH-971200155 Datasheet
43Kb / 1P
AsSPaIE Plastic Spacer Stud Metric Thread int./ext.
2014-12-08
971200321 WURTH-971200321 Datasheet
74Kb / 2P
AsSSTIE Steel Spacer Stud Metric Thread int./ext.
More results


Similar Description - 9712

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8782 BELDEN-8782 Datasheet
143Kb / 2P
Speaker Cable, 2 Conductor 24 AWG BC, Unshielded, CM
01-20-2023
8810 BELDEN-8810 Datasheet
150Kb / 2P
Speaker Cable, 2 Conductor 10 AWG BC, Unshielded, CM
04-14-2023
8814 BELDEN-8814 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CM
04-14-2023
9716 BELDEN-9716 Datasheet
145Kb / 2P
Speaker Cable, 2 Conductor 16 AWG BC, Unshielded, CM
12-19-2022
9717 BELDEN-9717 Datasheet
146Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CM
12-20-2022
5300UP BELDEN-5300UP Datasheet
153Kb / 2P
Audio Cable, 2 Conductor 18 AWG, BC, Unshielded, CM
12-19-2022
8649 BELDEN-8649 Datasheet
151Kb / 2P
Speaker Cable, 2 Conductor 20 AWG BC, Unshielded, CM
12-19-2022
9718 BELDEN-9718 Datasheet
145Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CM
11-09-2022
8812 BELDEN-8812 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CM
04-14-2023
9151 BELDEN-9151 Datasheet
154Kb / 2P
Speaker Cable, 2 Conductor 22 AWG BC, Unshielded, CM
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com