Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4445FE Datasheet (PDF) - Belden Inc.

4445FE Datasheet PDF - Belden Inc.
Part # 4445FE
Download  4445FE Download
File Size   155.33 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 6 Pairs 20 AWG BC, LSZH, Shielded

4445FE Datasheet (PDF)

Go To PDF Page Download Datasheet
4445FE Datasheet PDF - Belden Inc.

Part # 4445FE
Download  4445FE Click to download

File Size   155.33 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 6 Pairs 20 AWG BC, LSZH, Shielded

4445FE Datasheet (HTML) - Belden Inc.


4445FE Product details

Product Description
Security & Commercial Audio Cable, 6-20 AWG stranded bare copper pairs with polypropylene insulation, Beldfoil® shield, LSZH jacket with ripcord




Similar Part No. - 4445FE

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
4445 ADAFRUIT-4445 Datasheet
556Kb / 2P
Mono Enclosed Speaker with Plain Wires - 3W 4 Ohm
12-4-19
logo
API Delevan
4445-01M API-4445-01M Datasheet
39Kb / 1P
Radial Toroidal Inductors
4445-01M API-4445-01M Datasheet
1Mb / 1P
Radial Toroidal Inductors
4445-02M API-4445-02M Datasheet
39Kb / 1P
Radial Toroidal Inductors
4445-02M API-4445-02M Datasheet
1Mb / 1P
Radial Toroidal Inductors
More results


Similar Description - 4445FE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4304ULW BELDEN-4304ULW Datasheet
152Kb / 2P
Security & Sound, 6 Conductor 18 AWG BC, LSZH, Cca
06-09-2023
4342FE BELDEN-4342FE Datasheet
155Kb / 2P
Security & Sound, 3 Pairs 18 AWG BC, LSZH, Shielded, Eca
08-25-2023
4342ULW BELDEN-4342ULW Datasheet
150Kb / 2P
Security & Sound, 3 Pairs 18 AWG BC, LSZH, Cca
08-25-2023
4441FE BELDEN-4441FE Datasheet
157Kb / 2P
Security & Sound, 2 Pairs 20 AWG BC, LSZH, Shielded, Eca
08-25-2023
4545FE BELDEN-4545FE Datasheet
155Kb / 2P
Security & Sound, 6 Pair 22 AWG BC, LSZH, Shielded, Eca
08-25-2023
4345FE BELDEN-4345FE Datasheet
155Kb / 2P
Security & Sound, 6 Pairs 18 AWG BC, LSZH, Shielded, Eca
08-25-2023
4400UE BELDEN-4400UE Datasheet
176Kb / 2P
Security & Sound, 2 Conductor 20 AWG BC, LSZH
08-25-2023
4341FE BELDEN-4341FE Datasheet
158Kb / 2P
Security & Sound, 2 Pairs 18 AWG BC, LSZH, Shielded, Eca
08-25-2023
4341FLW BELDEN-4341FLW Datasheet
157Kb / 2P
Security & Sound, 2 Pairs 18 AWG BC, LSZH, Shielded, Cca
08-25-2023
4343FLW BELDEN-4343FLW Datasheet
159Kb / 2P
Security & Sound, 4 Pairs 18 AWG BC, LSZH, Shielded, Cca
08-25-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com