Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4441FE Datasheet (PDF) - Belden Inc.

4441FE Datasheet PDF - Belden Inc.
Part # 4441FE
Download  4441FE Download
File Size   157.29 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Pairs 20 AWG BC, LSZH, Shielded, Eca

4441FE Datasheet (PDF)

Go To PDF Page Download Datasheet
4441FE Datasheet PDF - Belden Inc.

Part # 4441FE
Download  4441FE Click to download

File Size   157.29 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Pairs 20 AWG BC, LSZH, Shielded, Eca

4441FE Datasheet (HTML) - Belden Inc.


4441FE Product details

Product Description
Security & Commercial Audio Cable, 2-20 AWG stranded bare copper pairs with polypropylene insulation, Beldfoil® shield, LSZH jacket with ripcord, CPR Eca




Similar Part No. - 4441FE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4441 ETC-4441 Datasheet
137Kb / 1P
DELAY MODULES,TTL,SURFACE MOUNTED
logo
TE Connectivity Ltd
444100-000 TEC-444100-000 Datasheet
3Mb / 40P
Raychem Application Tooling
logo
YAGEO Corporation
444164 YAGEO-444164 Datasheet
315Kb / 9P
GENERAL PURPOSE CHIP RESISTORS
logo
List of Unclassifed Man...
4441AUB ETC1-4441AUB Datasheet
120Kb / 2P
CMOS QUAD BUFFER - DRIVER
More results


Similar Description - 4441FE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4100FE BELDEN-4100FE Datasheet
173Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, LSZH, Shielded, Eca
03-04-2023
4445FE BELDEN-4445FE Datasheet
155Kb / 2P
Security & Sound, 6 Pairs 20 AWG BC, LSZH, Shielded
08-25-2023
4200FE BELDEN-4200FE Datasheet
191Kb / 2P
Security & Sound, 2 Conductor 16 AWG BC, LSZH, Shielded, Eca
03-04-2023
4300FE BELDEN-4300FE Datasheet
189Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, LSZH, Shielded, Eca
03-04-2023
4342FE BELDEN-4342FE Datasheet
155Kb / 2P
Security & Sound, 3 Pairs 18 AWG BC, LSZH, Shielded, Eca
08-25-2023
4000FE BELDEN-4000FE Datasheet
172Kb / 2P
Security & Sound, 2 Conductor 12 AWG BC, LSZH, Shielded, Eca
12-19-2022
4541FE BELDEN-4541FE Datasheet
158Kb / 2P
Security & Sound, 2 Pair 22 AWG BC, LSZH, Shielded, Eca
08-25-2023
4345FE BELDEN-4345FE Datasheet
155Kb / 2P
Security & Sound, 6 Pairs 18 AWG BC, LSZH, Shielded, Eca
08-25-2023
4341FE BELDEN-4341FE Datasheet
158Kb / 2P
Security & Sound, 2 Pairs 18 AWG BC, LSZH, Shielded, Eca
08-25-2023
4500FE BELDEN-4500FE Datasheet
170Kb / 2P
Security & Sound, 2 Conductor 22 AWG BC, LSZH, Shielded, Eca
08-25-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com