Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5201FE Datasheet (PDF) - Belden Inc.

5201FE Datasheet PDF - Belden Inc.
Part # 5201FE
Download  5201FE Download
File Size   147.55 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 3 Conductor 16 AWG, BC, Shielded, CMR

5201FE Datasheet (PDF)

Go To PDF Page Download Datasheet
5201FE Datasheet PDF - Belden Inc.

Part # 5201FE
Download  5201FE Click to download

File Size   147.55 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 3 Conductor 16 AWG, BC, Shielded, CMR

5201FE Datasheet (HTML) - Belden Inc.


5201FE Product details

Product Description
Security & Commercial Audio Cable, Riser-CMR, 3-16 AWG stranded (19x29) bare copper conductors with polypropylene insulation, Beldfoil® shield, PVC
jacket with ripcord




Similar Part No. - 5201FE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5201FH BELDEN-5201FH Datasheet
146Kb / 3P
Security & Sound, 3 Conductor 16 AWG, TC, CMR
12-20-2022
5201FH-0081000 BELDEN-5201FH-0081000 Datasheet
146Kb / 3P
Security & Sound, 3 Conductor 16 AWG, TC, CMR
12-20-2022
5201FH-008U1000 BELDEN-5201FH-008U1000 Datasheet
146Kb / 3P
Security & Sound, 3 Conductor 16 AWG, TC, CMR
12-20-2022
More results


Similar Description - 5201FE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5501FE BELDEN-5501FE Datasheet
145Kb / 2P
Security & Sound, 3 Conductor 22 AWG, BC, Shielded, CMR
04-28-2023
5301UE BELDEN-5301UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, CMR
04-28-2023
6201FE BELDEN-6201FE Datasheet
182Kb / 2P
Security & Sound, 3 Conductor 16 AWG BC, Shielded, CMP
11-09-2022
5200UE BELDEN-5200UE Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 16 AWG, BC, CMR
04-13-2023
5201UE BELDEN-5201UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 16 AWG, BC, CMR
04-28-2023
5200FE BELDEN-5200FE Datasheet
150Kb / 2P
Security & Sound, 2 Conductor 16 AWG, BC, Shielded, CMR
04-13-2023
5300FE BELDEN-5300FE Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Shielded, CMR
04-13-2023
5400FE BELDEN-5400FE Datasheet
173Kb / 2P
Security & Sound, 2 Conductor 20 AWG, BC, Shielded, CMR
03-29-2023
5500FE BELDEN-5500FE Datasheet
195Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
5301FE BELDEN-5301FE Datasheet
149Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, Shielded, CMR
04-13-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com