Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6201FE Datasheet (PDF) - Belden Inc.

6201FE Datasheet PDF - Belden Inc.
Part # 6201FE
Download  6201FE Download
File Size   182.84 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 3 Conductor 16 AWG BC, Shielded, CMP

6201FE Datasheet (PDF)

Go To PDF Page Download Datasheet
6201FE Datasheet PDF - Belden Inc.

Part # 6201FE
Download  6201FE Click to download

File Size   182.84 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 3 Conductor 16 AWG BC, Shielded, CMP

6201FE Datasheet (HTML) - Belden Inc.


6201FE Product details

Product Description
Security & Commercial Audio Cable, 3 Conductor 16 AWG stranded (19x29) bare copper conductors with Flamarrest® insulation, Beldfoil® shield,
Plenum-CMP, Flamarrest® jacket with ripcord




Similar Part No. - 6201FE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6201FH BELDEN-6201FH Datasheet
144Kb / 2P
Security & Sound, 3 Conductor 16 AWG TC, CMP
12-20-2022
6201FH-8771000 BELDEN-6201FH-8771000 Datasheet
144Kb / 2P
Security & Sound, 3 Conductor 16 AWG TC, CMP
12-20-2022
More results


Similar Description - 6201FE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5201FE BELDEN-5201FE Datasheet
147Kb / 2P
Security & Sound, 3 Conductor 16 AWG, BC, Shielded, CMR
04-28-2023
6201UH BELDEN-6201UH Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 16 AWG TC, CMP
12-20-2022
6301FE BELDEN-6301FE Datasheet
146Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, Shielded, CMP
04-13-2023
6301UE BELDEN-6301UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 18 AWG BC, CMP
04-28-2023
6401UE BELDEN-6401UE Datasheet
171Kb / 2P
Security & Sound, 3 Conductor 20 AWG, BC, Unshielded, CMP
12-20-2022
6200FE BELDEN-6200FE Datasheet
200Kb / 2P
Security & Sound, 2 Conductor 16 AWG BC, Shielded, CMP
04-13-2023
6400FE BELDEN-6400FE Datasheet
173Kb / 2P
Security & Sound, 2 Conductor 20 AWG BC, Shielded, CMP
03-29-2023
6500FE BELDEN-6500FE Datasheet
202Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMP
04-13-2023
6300FE BELDEN-6300FE Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Shielded, CMP
04-13-2023
6202FE BELDEN-6202FE Datasheet
141Kb / 2P
Security & Sound, 4 Conductor 16 AWG, BC, Shielded, CMP
04-13-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com