Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6400FE Datasheet (PDF) - Belden Inc.

6400FE Datasheet PDF - Belden Inc.
Part # 6400FE
Download  6400FE Download
File Size   173.1 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 20 AWG BC, Shielded, CMP

6400FE Datasheet (PDF)

Go To PDF Page Download Datasheet
6400FE Datasheet PDF - Belden Inc.

Part # 6400FE
Download  6400FE Click to download

File Size   173.1 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 20 AWG BC, Shielded, CMP

6400FE Datasheet (HTML) - Belden Inc.


6400FE Product details

Product Description
Security & Commercial Audio Cable, 2 Conductor 20 AWG stranded bare copper conductors with Flamarrest® insulation, Beldfoil® shield, Plenum-CMP,
Flamarrest® jacket with ripcord.




Similar Part No. - 6400FE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6400FC BELDEN-6400FC Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 20 AWG BC, Shielded, Plenum
12-20-2022
6400FC-877U1000 BELDEN-6400FC-877U1000 Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 20 AWG BC, Shielded, Plenum
12-20-2022
6400FH BELDEN-6400FH Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 20 AWG TC, Shielded, Plenum
12-20-2022
6400FH-8771000 BELDEN-6400FH-8771000 Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 20 AWG TC, Shielded, Plenum
12-20-2022
6400FH-877U1000 BELDEN-6400FH-877U1000 Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 20 AWG TC, Shielded, Plenum
12-20-2022
More results


Similar Description - 6400FE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6300UE BELDEN-6300UE Datasheet
265Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, CMP
6201FE BELDEN-6201FE Datasheet
182Kb / 2P
Security & Sound, 3 Conductor 16 AWG BC, Shielded, CMP
11-09-2022
6301FE BELDEN-6301FE Datasheet
146Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, Shielded, CMP
04-13-2023
6200FE BELDEN-6200FE Datasheet
200Kb / 2P
Security & Sound, 2 Conductor 16 AWG BC, Shielded, CMP
04-13-2023
6341PC BELDEN-6341PC Datasheet
144Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Individually Shielded, CMP
04-28-2023
6500FE BELDEN-6500FE Datasheet
202Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMP
04-13-2023
6300FE BELDEN-6300FE Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Shielded, CMP
04-13-2023
6400UE BELDEN-6400UE Datasheet
163Kb / 2P
Security & Sound, 2 Conductor 20 AWG, BC, CMP
12-20-2022
6202FE BELDEN-6202FE Datasheet
141Kb / 2P
Security & Sound, 4 Conductor 16 AWG, BC, Shielded, CMP
04-13-2023
6500UE BELDEN-6500UE Datasheet
142Kb / 2P
Security & Sound, 2 Conductor 22 AWG, BC, CMP
05-01-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com