Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6T00UP Datasheet (PDF) - Belden Inc.

6T00UP Datasheet PDF - Belden Inc.
Part # 6T00UP
Download  6T00UP Download
File Size   142.05 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Cable, 2 Conductor 10 AWG, BC, CL2P

6T00UP Datasheet (PDF)

Go To PDF Page Download Datasheet
6T00UP Datasheet PDF - Belden Inc.

Part # 6T00UP
Download  6T00UP Click to download

File Size   142.05 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Cable, 2 Conductor 10 AWG, BC, CL2P

6T00UP Datasheet (HTML) - Belden Inc.


6T00UP Product details

Product Description
Audio Cable, Plenum-CL2P, 2-10 AWG highly flexible stranded (65x28) bare copper conductors with Flamarrest® insulation, Flamarrest® jacket with ripcord




Similar Part No. - 6T00UP

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
6T06A-B NELLSEMI-6T06A-B Datasheet
340Kb / 6P
TRIACs, 6A Snubberless, Logic Level and Standard
6T06A-BW NELLSEMI-6T06A-BW Datasheet
340Kb / 6P
TRIACs, 6A Snubberless, Logic Level and Standard
6T06A-C NELLSEMI-6T06A-C Datasheet
340Kb / 6P
TRIACs, 6A Snubberless, Logic Level and Standard
6T06A-CW NELLSEMI-6T06A-CW Datasheet
340Kb / 6P
TRIACs, 6A Snubberless, Logic Level and Standard
6T06A-SW NELLSEMI-6T06A-SW Datasheet
340Kb / 6P
TRIACs, 6A Snubberless, Logic Level and Standard
More results


Similar Description - 6T00UP

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6000UE BELDEN-6000UE Datasheet
263Kb / 2P
Security & Sound, 2 Conductor 12 AWG BC, CL2P
1813A BELDEN-1813A Datasheet
184Kb / 2P
Audio Cable, 2 Conductor 24 AWG, BC
01-20-2023
1353A BELDEN-1353A Datasheet
143Kb / 2P
Digital Audio Cable, 2 Conductor 24 AWG, BC, CMR
12-20-2022
5T00UP BELDEN-5T00UP Datasheet
142Kb / 2P
Audio Cable, 2 Conductor 10 AWG, BC, Unshielded, CL2
04-13-2023
25T00UP BELDEN-25T00UP Datasheet
139Kb / 2P
Audio Cable, 2 Conductor 10 AWG BC, Armored
12-20-2022
5000UP BELDEN-5000UP Datasheet
143Kb / 2P
Audio Cable, 2 Conductor 12 AWG, BC, Unshielded, CL3
04-13-2023
5300UP BELDEN-5300UP Datasheet
153Kb / 2P
Audio Cable, 2 Conductor 18 AWG, BC, Unshielded, CM
12-19-2022
5200UP BELDEN-5200UP Datasheet
176Kb / 2P
Audio Cable, 2 Conductor 16 AWG, BC, Unshielded, CM
04-28-2023
6100FE BELDEN-6100FE Datasheet
171Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, Shielded, CL2P
03-29-2023
6100UE BELDEN-6100UE Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, CL2P
04-28-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com