Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1813A Datasheet (PDF) - Belden Inc.

1813A Datasheet PDF - Belden Inc.
Part # 1813A
Download  1813A Download
File Size   184.25 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Cable, 2 Conductor 24 AWG, BC

1813A Datasheet (PDF)

Go To PDF Page Download Datasheet
1813A Datasheet PDF - Belden Inc.

Part # 1813A
Download  1813A Click to download

File Size   184.25 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Audio Cable, 2 Conductor 24 AWG, BC

1813A Datasheet (HTML) - Belden Inc.


1813A Product details

Product Description
Audio Cable, CM-Rated, 1-24 AWG stranded high-conductivity bare copper pair with PVC insulation, +90% bare copper spiral shield, PVC jacket




Similar Part No. - 1813A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1813A ETC2-1813A Datasheet
100Kb / 2P
24 AWG stranded (27x38) high-conductivity bare copper conductors, PVC insulation
1813AB591000 ETC2-1813AB591000 Datasheet
100Kb / 2P
24 AWG stranded (27x38) high-conductivity bare copper conductors, PVC insulation
1813AB59328 ETC2-1813AB59328 Datasheet
100Kb / 2P
24 AWG stranded (27x38) high-conductivity bare copper conductors, PVC insulation
More results


Similar Description - 1813A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1812A BELDEN-1812A Datasheet
186Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
9397 BELDEN-9397 Datasheet
188Kb / 2P
Microphone Cable, 2 Conductor 24 AWG, BC
12-20-2022
1353A BELDEN-1353A Datasheet
143Kb / 2P
Digital Audio Cable, 2 Conductor 24 AWG, BC, CMR
12-20-2022
5100UP BELDEN-5100UP Datasheet
144Kb / 2P
Audio Cable, 2 Conductor 14 AWG, BC, Unshielded, CL3
04-13-2023
5T00UP BELDEN-5T00UP Datasheet
142Kb / 2P
Audio Cable, 2 Conductor 10 AWG, BC, Unshielded, CL2
04-13-2023
25T00UP BELDEN-25T00UP Datasheet
139Kb / 2P
Audio Cable, 2 Conductor 10 AWG BC, Armored
12-20-2022
5000UP BELDEN-5000UP Datasheet
143Kb / 2P
Audio Cable, 2 Conductor 12 AWG, BC, Unshielded, CL3
04-13-2023
6T00UP BELDEN-6T00UP Datasheet
142Kb / 2P
Audio Cable, 2 Conductor 10 AWG, BC, CL2P
04-13-2023
5300UP BELDEN-5300UP Datasheet
153Kb / 2P
Audio Cable, 2 Conductor 18 AWG, BC, Unshielded, CM
12-19-2022
5200UP BELDEN-5200UP Datasheet
176Kb / 2P
Audio Cable, 2 Conductor 16 AWG, BC, Unshielded, CM
04-28-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com