Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1813A Datasheet (PDF) - List of Unclassifed Manufacturers

1813A Datasheet PDF - List of Unclassifed Manufacturers
Part # 1813A
Download  1813A Download
File Size   100.41 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 24 AWG stranded (27x38) high-conductivity bare copper conductors, PVC insulation

1813A Datasheet (PDF)

Go To PDF Page Download Datasheet
1813A Datasheet PDF - List of Unclassifed Manufacturers

Part # 1813A
Download  1813A Click to download

File Size   100.41 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 24 AWG stranded (27x38) high-conductivity bare copper conductors, PVC insulation

1813A Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - 1813A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1813A BELDEN-1813A Datasheet
184Kb / 2P
Audio Cable, 2 Conductor 24 AWG, BC
01-20-2023
1813A-B591000 BELDEN-1813A-B591000 Datasheet
184Kb / 2P
Audio Cable, 2 Conductor 24 AWG, BC
01-20-2023
1813A-B59328 BELDEN-1813A-B59328 Datasheet
184Kb / 2P
Audio Cable, 2 Conductor 24 AWG, BC
01-20-2023
More results


Similar Description - 1813A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344803 ETC2-1344803 Datasheet
109Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1347101 ETC2-1347101 Datasheet
98Kb / 3P
16 AWG pairs stranded (7x24) bare copper conductors, twisted pairs, PVC insulation
1348168 ETC2-1348168 Datasheet
102Kb / 3P
18 AWG pairs stranded (7x26) bare copper conductors, twisted pairs, PVC insulation
1682749 ETC2-1682749 Datasheet
97Kb / 2P
24 AWG solid bare copper conductors, twisted pair, PVC insulation
1192A ETC2-1192A Datasheet
30Kb / 3P
24 AWG stranded (42x40) high-conductivity bare copper conductors, polyethylene insulation, tinned copper braid shield
1305A ETC2-1305A Datasheet
93Kb / 4P
24 AWG Bonded-Pairs stranded (7x32) bare copper conductors, polyolefin insulation
1592A ETC2-1592A Datasheet
109Kb / 4P
24 AWG Stranded (7x32) Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
3084A ETC2-3084A Datasheet
89Kb / 3P
22 and 24 AWG stranded tinned copper conductors, PVC insulation
7930A ETC2-7930A Datasheet
108Kb / 4P
24 AWG stranded (7x32) bare copper conductors, twisted pairs, polyolefin insulation
9534 ETC2-9534 Datasheet
101Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, conductors cabled, PVC insulation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com