Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70F3441 Datasheet (PDF) - Renesas Technology Corp

UPD70F3441 Datasheet PDF - Renesas Technology Corp
Part # UPD70F3441
Download  UPD70F3441 Download
File Size   804.5 Kbytes
Page   42 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD70F3441 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD70F3441 Datasheet PDF - Renesas Technology Corp

Part # UPD70F3441
Download  UPD70F3441 Click to download

File Size   804.5 Kbytes
Page   42 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS INTEGRATED CIRCUIT

UPD70F3441 Datasheet (HTML) - Renesas Technology Corp


UPD70F3441 Product details

FEATURE
• 32-bit RISC CPU with Harvard Architecture
• Internal flash memory: 992 KB
• Internal RAM: 60 KB
• Data Flash: 32 KB
• Operating Clocks
CPU Frequency: 80 / 128MHz with PLL factor
5 / 8
MainOsc: operates on 16MHz crystal
PLL ratio: factor 5
FlexRay™: 80MHz
• I/O lines: 143 + 5 input only
• Timers
10 ch 16-bit general purpose timer/counter
2 ch 16-bit timer/counter with Motor Control
2 ch 16-bit general purpose timer/counter with
PWM function
• A/D Converter: 2 x 10 channels
10 bit resolution
• FlexRay Interface: 1 (2 channels) (protocol
specification v2.1)




Similar Part No. - UPD70F3441

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD70F3451 RENESAS-UPD70F3451 Datasheet
153Kb / 17P
PG-FP5
UPD70F3451GC-UBT-A RENESAS-UPD70F3451GC-UBT-A Datasheet
5Mb / 1191P
Old Company Name in Catalogs and Other Documents
UPD70F3452 RENESAS-UPD70F3452 Datasheet
153Kb / 17P
PG-FP5
UPD70F3453 RENESAS-UPD70F3453 Datasheet
153Kb / 17P
PG-FP5
UPD70F3454 RENESAS-UPD70F3454 Datasheet
153Kb / 17P
PG-FP5
More results


Similar Description - UPD70F3441

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
MOS Integrated Circuit
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
MOS Integrated Circuit
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
MOS Integrated Circuit
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
MOS INTEGRATED CIRCUIT
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
MOS INTEGRATED CIRCUIT
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com